Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV341IDCKTE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV341IDCKTE4
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV341IDCKTE4 Datasheet(HTML) 4 Page - Texas Instruments

  TLV341IDCKTE4 Datasheet HTML 1Page - Texas Instruments TLV341IDCKTE4 Datasheet HTML 2Page - Texas Instruments TLV341IDCKTE4 Datasheet HTML 3Page - Texas Instruments TLV341IDCKTE4 Datasheet HTML 4Page - Texas Instruments TLV341IDCKTE4 Datasheet HTML 5Page - Texas Instruments TLV341IDCKTE4 Datasheet HTML 6Page - Texas Instruments TLV341IDCKTE4 Datasheet HTML 7Page - Texas Instruments TLV341IDCKTE4 Datasheet HTML 8Page - Texas Instruments TLV341IDCKTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TLV341, TLV342, TLV342S, TLV344
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLVS568C − JANUARY 2005 − REVISED NOVEMBER 2007
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
symbol (each amplifier)
V+
VO
+
VI
+
C = 200 pF
V+
Sample
Clock
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, V+ (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
±5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (either input)
0 to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 3 and 4): D package (8 pin)
97
°C/W
. . . . . . . . . . . . . . . . . . . . . .
D package (14 pin)
86
°C/W
. . . . . . . . . . . . . . . . . . . . .
DBV package
165
°C/W
. . . . . . . . . . . . . . . . . . . . . . . .
DCK package
259
°C/W
. . . . . . . . . . . . . . . . . . . . . . . .
DGK package
172
°C/W
. . . . . . . . . . . . . . . . . . . . . . . .
DRL package
142
°C/W
. . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
RUG package
243
°C/W
. . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values (except differential voltages and V+ specified for the measurement of IOS) are with respect to the network GND.
2. Differential voltages are at IN+ with respect to IN−.
3. Maximum power dissipation is a function of TJ(max),
θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/
θJA. Selecting the maximum of 150°C can affect reliability.
4. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
MAX
UNIT
V+
Supply voltage (single-supply operation)
1.5
5.5
V
TA
Operating free-air temperature
−40
125
°C
ESD protection
TEST CONDITIONS
TYP
UNIT
Human-Body Model
2000
V
Machine Model
200
V


Similar Part No. - TLV341IDCKTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV341IDCKTE4 TI-TLV341IDCKTE4 Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341IDCKTE4 TI-TLV341IDCKTE4 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341IDCKTE4 TI-TLV341IDCKTE4 Datasheet
967Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFLERS WITH SHUTDOWN
TLV341IDCKTE4 TI-TLV341IDCKTE4 Datasheet
1,002Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIT OUTPUT CMOS OPERATIONAL AMPLIFIERS
TLV341IDCKTE4 TI-TLV341IDCKTE4 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV341IDCKTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341 Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI1-TLV341_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
TLV341 TI-TLV341_07 Datasheet
967Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFLERS WITH SHUTDOWN
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
logo
National Semiconductor ...
LMV116 NSC-LMV116 Datasheet
416Kb / 13P
   Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com