Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KE22A Datasheet(PDF) 5 Page - Rectron Semiconductor

Part # 15KE22A
Description  GPP TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

15KE22A Datasheet(HTML) 5 Page - Rectron Semiconductor

  15KE22A Datasheet HTML 1Page - Rectron Semiconductor 15KE22A Datasheet HTML 2Page - Rectron Semiconductor 15KE22A Datasheet HTML 3Page - Rectron Semiconductor 15KE22A Datasheet HTML 4Page - Rectron Semiconductor 15KE22A Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RECTRON


Similar Part No. - 15KE22A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
15KE22A DIODES-15KE22A Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Microsemi Corporation
15KE22A MICROSEMI-15KE22A Datasheet
252Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Leshan Radio Company
15KE22A LRC-15KE22A Datasheet
175Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
15KE22A PANJIT-15KE22A Datasheet
104Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
November 15,2012-REV.04
More results

Similar Description - 15KE22A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
5KP130A RECTRON-5KP130A Datasheet
96Kb / 6P
   GPP TRANSIENT VOLTAGE SUPPRESSOR
5KP RECTRON-5KP Datasheet
970Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR
3KPSMC64B RECTRON-3KPSMC64B Datasheet
242Kb / 7P
   GPP TRANSIENT VOLTAGE SUPPRESSOR
P4FMAF RECTRON-P4FMAF Datasheet
152Kb / 9P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJXX RECTRON-P4SMAJXX Datasheet
181Kb / 9P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
WILLAS ELECTRONIC CORP
SMBJ WILLAS-SMBJ Datasheet
648Kb / 5P
   600W SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Rectron Semiconductor
TFMBJ RECTRON-TFMBJ Datasheet
1,016Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
3KPSMC RECTRON-3KPSMC Datasheet
282Kb / 7P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
T4ARBU405M RECTRON-T4ARBU405M Datasheet
285Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
T4ARS3505M RECTRON-T4ARS3505M Datasheet
210Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com