Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61083-063020 Datasheet(PDF) 6 Page - FCI connector

Part # 61083-063020
Description  0.8mM BOARD TO BOARD PLUG ASSY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

61083-063020 Datasheet(HTML) 6 Page - FCI connector

  61083-063020 Datasheet HTML 1Page - FCI connector 61083-063020 Datasheet HTML 2Page - FCI connector 61083-063020 Datasheet HTML 3Page - FCI connector 61083-063020 Datasheet HTML 4Page - FCI connector 61083-063020 Datasheet HTML 5Page - FCI connector 61083-063020 Datasheet HTML 6Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PDM: Rev:AB
Released
.
STATUS:
Printed: Apr 20, 2010


Similar Part No. - 61083-063020

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
61083-06-1-4-0-0-LF AMPHENOL-61083-06-1-4-0-0-LF Datasheet
506Kb / 4P
   BergStak® 0.8mm Mezzanine Connector FLEXIBLE SOLUTION FOR HIGH DENSITY APPLICATIONS
61083-06-1-4-0-2-LF AMPHENOL-61083-06-1-4-0-2-LF Datasheet
506Kb / 4P
   BergStak® 0.8mm Mezzanine Connector FLEXIBLE SOLUTION FOR HIGH DENSITY APPLICATIONS
61083-06-1-4-0-6-LF AMPHENOL-61083-06-1-4-0-6-LF Datasheet
506Kb / 4P
   BergStak® 0.8mm Mezzanine Connector FLEXIBLE SOLUTION FOR HIGH DENSITY APPLICATIONS
61083-06-1-4-0-9-LF AMPHENOL-61083-06-1-4-0-9-LF Datasheet
506Kb / 4P
   BergStak® 0.8mm Mezzanine Connector FLEXIBLE SOLUTION FOR HIGH DENSITY APPLICATIONS
61083-06-1-5-0-0-LF AMPHENOL-61083-06-1-5-0-0-LF Datasheet
506Kb / 4P
   BergStak® 0.8mm Mezzanine Connector FLEXIBLE SOLUTION FOR HIGH DENSITY APPLICATIONS
More results

Similar Description - 61083-063020

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
   0.8mm Pitch Board to Board Connector
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
FCI connector
61083-042400LF FCI-CONNECTOR-61083-042400LF Datasheet
456Kb / 6P
   BERGSTAK 0.8mm BTB PLUG ASSY
61083-104402LF FCI-CONNECTOR-61083-104402LF Datasheet
456Kb / 6P
   BERGSTAK 0.8mm BTB PLUG ASSY
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
   10Gbps 0.8mm pitch Board to Board Connectors
logo
EXCEL CELL ELECTRONIC C...
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
Harwin Plc
M58-280XX42R HARWIN-M58-280XX42R Datasheet
182Kb / 2P
   FEMALE 0.8MM PITCH BOARD TO BOARD VERTICAL SMT
28.10.21
logo
Japan Aviation Electron...
BA1 JAE-BA1 Datasheet
490Kb / 4P
   0.8mm Pitch Board-to-Board Factory Automation Connector
logo
EXCEL CELL ELECTRONIC C...
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
   0.8mm Contact Spacing, Board To Board SMT Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com