Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3808G125 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS3808G125
Description  Low Quiescent Current, Programmable-Delay Supervisory Circuit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3808G125 Datasheet(HTML) 4 Page - Texas Instruments

  TPS3808G125 Datasheet HTML 1Page - Texas Instruments TPS3808G125 Datasheet HTML 2Page - Texas Instruments TPS3808G125 Datasheet HTML 3Page - Texas Instruments TPS3808G125 Datasheet HTML 4Page - Texas Instruments TPS3808G125 Datasheet HTML 5Page - Texas Instruments TPS3808G125 Datasheet HTML 6Page - Texas Instruments TPS3808G125 Datasheet HTML 7Page - Texas Instruments TPS3808G125 Datasheet HTML 8Page - Texas Instruments TPS3808G125 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Adjustable Voltage Version
Fixed Voltage Version
Reset
Logic
Timer
+
90k
V
DD
V
DD
GND
0.4V
V
REF
SENSE
MR
C
T
RESET
TPS3808G01
Adjustable Voltage
Reset
Logic
Timer
+
90k
V
DD
V
DD
GND
0.4V
V
REF
SENSE
MR
C
T
RESET
R
1
R
2
R
1 + R2 = 4MΩ
PIN ASSIGNMENTS
RESET
GND
MR
6
5
4
V
DD
SENSE
C
T
1
2
3
Power
PAD
V
DD
SENSE
C
T
RESET
GND
MR
1
2
3
6
5
4
TPS3808
SBVS050J – MAY 2004 – REVISED AUGUST 2008 .......................................................................................................................................................... www.ti.com
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. Adjustable and Fixed Voltage Versions
DBV PACKAGE
DRV PACKAGE
SOT23
2mm × 2mm QFN
(TOP VIEW)
(TOP VIEW)
Table 1. TERMINAL FUNCTIONS
TERMINAL
SOT23 (DBV)
NAME
PIN NO.
DESCRIPTION
RESET
1
RESET is an open-drain output that is driven to a low impedance state when RESET is asserted (either the
SENSE input is lower than the threshold voltage (VIT) or the MR pin is set to a logic low). RESET will remain
low (asserted) for the reset period after both SENSE is above VIT and MR is set to a logic high. A pull-up
resistor from 10k
Ω to 1MΩ should be used on this pin, and allows the reset pin to attain voltages higher than
VDD.
GND
2
Ground
MR
3
Driving the manual reset pin (MR) low asserts RESET. MR is internally tied to VDD by a 90kΩ pull-up
resistor.
CT
4
Reset period programming pin. Connecting this pin to VDD through a 40kΩ to 200kΩ resistor or leaving it
open results in fixed delay times (see Electrical Characteristics). Connecting this pin to a ground referenced
capacitor
≥ 100pF gives a user-programmable delay time. See the Selecting the Reset Delay Time section
for more information.
SENSE
5
This pin is connected to the voltage to be monitored. If the voltage at this terminal drops below the threshold
voltage VIT, then RESET is asserted.
VDD
6
Supply voltage. It is good analog design practice to place a 0.1
µF ceramic capacitor close to this pin.
PowerPAD
PowerPAD. Connect to ground plane to enhance thermal performance of package.
4
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS3808


Similar Part No. - TPS3808G125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G125 TI-TPS3808G125 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G125 TI-TPS3808G125 Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G125 TI-TPS3808G125 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G125 TI-TPS3808G125 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Similar Description - TPS3808G125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com