Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22949AYZPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22949AYZPR
Description  CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22949AYZPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS22949AYZPR Datasheet HTML 1Page - Texas Instruments TPS22949AYZPR Datasheet HTML 2Page - Texas Instruments TPS22949AYZPR Datasheet HTML 3Page - Texas Instruments TPS22949AYZPR Datasheet HTML 4Page - Texas Instruments TPS22949AYZPR Datasheet HTML 5Page - Texas Instruments TPS22949AYZPR Datasheet HTML 6Page - Texas Instruments TPS22949AYZPR Datasheet HTML 7Page - Texas Instruments TPS22949AYZPR Datasheet HTML 8Page - Texas Instruments TPS22949AYZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TPS22949
TPS22949A
www.ti.com
SLVS908C – FEBRUARY 2009 – REVISED JANUARY 2010
CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
Check for Samples: TPS22949, TPS22949A
1
FEATURES
DESCRIPTION
Integrated Current Limiter
Input Voltage Range: 1.62 V to 4.5 V
The TPS22949 and TPS22949A are devices that
provides
protection
to
systems
and
loads
in
Low ON-Resistance
high-current
conditions.
The
device
contains
a
rON = 300-mΩ at VIN = 4.5 V
500-m
Ω current-limited P-channel MOSFET that can
rON = 350-mΩ at VIN = 3.3 V
operate over an input voltage range of 1.62 V to
4.5 V as well as a low-dropout (LDO) regulator with a
rON = 400-mΩ at VIN = 2.5 V
fixed output voltage of 1.8 V.
rON = 600-mΩ at VIN = 1.8 V
The switch is controlled by an on/off input (EN1),
Integrated 100-mA Minimum Current Limit
which
is
capable
of
interfacing
directly
with
Undervoltage Lockout
low-voltage control signals. When the switch current
Fast-Current Limit Response Time
reaches
the
maximum
limit,
the
TPS22949/TPS22949A
operates
in
a
Integrated Fault Blanking and Auto Restart
constant-current mode to prohibit excessive currents
Stable Without Current Limiter Output
from
causing
damage.
If
the
constant
current
Capacitor (TPS22949A Only)
condition still persists after 12 ms, these devices shut
Integrated Low-Noise RF LDO
off the switch and pull the fault signal pin (OC) low.
The
TPS22949/TPS22949A
has
an
auto-restart
Input Voltage Range: 1.62 V to 4.5 V
feature that turns the switch on again after 70 ms if
Low Noise: 50
μVrms (10 Hz to 100 kHz)
the EN1 pin is still active.
80-dB VIN PSRR (10 Hz to 10 kHz)
The
output
of
the
current
limiter
is
internally
Fast Start-Up Time: 130
μs
connected to a RF low-dropout (LDO) regulator that
Low Dropout 100 mV at Iload =100 mA
offers good ac performance with very low ground
current, good power-supply rejection ratio (PSRR),
Integrated Output Discharge
low noise, fast start-up, and excellent line and load
Stable With 2.2-
μF Output Capacitor
transient response. The output of the regulator is
1.8-V Compatible Control Input Threshold
stable with ceramic capacitors. This LDO uses a
precision voltage reference and feedback loop to
ESD Performance Tested Per JESD 22
achieve overall accuracy of 2% over all load, line,
3500-V Human-Body Model
process, and temperature variations.
(A114-B, Class II)
The
TPS22949A
integrates
additional
internal
1000-V Charged-Device Model
circuitry that increases the current limit of the switch
(C101)
during the power-up sequence. This feature allows
Tiny 8-Terminal YZP Package (1.9 mm ×
the
TPS22949A
to
operate
without
a
storage
0.9 mm, 0.5-mm Pitch, 0.5-mm Height) and
capacitor at the input of the LDO.
SON-8 (DRG) 3.0 mm × 3.0 mm
The TPS22949 and TPS22949A are available in a
space-saving 8-terminal WCSP (YZP) or in a 8-pin
APPLICATIONS
SON package (DRG). Both are characterized for
Fingerprint Module Protection
operation over the free-air temperature range of
Portable Consumer Electronics
–40°C to 85°C.
Smart Phone
Notebooks
Control Access Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS22949AYZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22949AYZPR TI-TPS22949AYZPR Datasheet
749Kb / 22P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949AYZPR TI-TPS22949AYZPR Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
More results

Similar Description - TPS22949AYZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949 Datasheet
749Kb / 22P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5254 GMT-G5254 Datasheet
73Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com