Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62P15IRGCRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS62P15IRGCRG4
Description  Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P15IRGCRG4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS62P15IRGCRG4 Datasheet HTML 1Page - Texas Instruments ADS62P15IRGCRG4 Datasheet HTML 2Page - Texas Instruments ADS62P15IRGCRG4 Datasheet HTML 3Page - Texas Instruments ADS62P15IRGCRG4 Datasheet HTML 4Page - Texas Instruments ADS62P15IRGCRG4 Datasheet HTML 5Page - Texas Instruments ADS62P15IRGCRG4 Datasheet HTML 6Page - Texas Instruments ADS62P15IRGCRG4 Datasheet HTML 7Page - Texas Instruments ADS62P15IRGCRG4 Datasheet HTML 8Page - Texas Instruments ADS62P15IRGCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
ELECTRICAL CHARACTERISTICS
ADS62P15
www.ti.com .................................................................................................................................................... SLAS572B – OCTOBER 2007 – REVISED APRIL 2009
Typical values at 25°C, min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD =
3.3V, DRVDD = 1.8V to 3.3V, sampling frequency = 125 MSPS, 50% clock duty cycle, –1dBFS differential analog input,
internal reference mode, applies to CMOS and LVDS interfaces (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
11
bits
ANALOG INPUTS
Differential input voltage range
2
VPP
Differential input resistance (at dc)
See Figure 33
> 1
M
Differential input capacitance
See Figure 34
7
pF
Analog input bandwidth
450
MHz
Analog input common mode current (per input pin)
125
µA
VCM common mode voltage output
1.5
V
VCM output current capability
4
mA
POWER SUPPLY
Analog supply current (AVDD)
216
ISS
mA
Output buffer supply current (DRVDD)
DRVDD=1.8V, 2.5 MHz input signal
17
CMOS interface
no load capacitance(1)
Total power – CMOS interface
0.74
W
Total power – CMOS interface
DRVDD=3.3V, 50MHz input signal
1.225
W
10pF load capacitance
Total power – LVDS interface
DRVDD = 3.3V
0.94
W
Global power down
30
60
mW
DC ACCURACY
No missing codes
Specified
DNL
Differential Non-Linearity
-0.8
±0.4
0.8
LSB
INL
Integral Non-Linearity
-3.5
±1
3.5
LSB
EO
Offset Error
-10
±3
10
mV
Offset error temperature coefficient
0.05
mV/°C
There are two sources of gain error – internal reference inaccuracy and channel gain error
Gain error due to internal reference inaccuracy
EGREF
-1
±0.25
1
%FS
alone
EGCHAN
Gain error of channel alone(2)
-1
±0.3
1
%FS
Channel gain error temperature coefficient
0.005
Δ%/°C
(1)
In CMOS mode, the DRVDD current scales with the sampling frequency and the load capacitance on output pins (see Figure 30).
(2)
This is specified by design and characterization; it is not tested in production.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS62P15


Similar Part No. - ADS62P15IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P15IRGCRG4 TI-ADS62P15IRGCRG4 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGCRG4 TI-ADS62P15IRGCRG4 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
More results

Similar Description - ADS62P15IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_09 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15 Datasheet
1Mb / 62P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15_10 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com