Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53127RGER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53127RGER
Description  DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53127RGER Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS53127RGER Datasheet HTML 6Page - Texas Instruments TPS53127RGER Datasheet HTML 7Page - Texas Instruments TPS53127RGER Datasheet HTML 8Page - Texas Instruments TPS53127RGER Datasheet HTML 9Page - Texas Instruments TPS53127RGER Datasheet HTML 10Page - Texas Instruments TPS53127RGER Datasheet HTML 11Page - Texas Instruments TPS53127RGER Datasheet HTML 12Page - Texas Instruments TPS53127RGER Datasheet HTML 13Page - Texas Instruments TPS53127RGER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
V
=
TRIP
(V-V )
IN
O
2
1
·
·
L
f
SW
¾ ·
V
O
¾
V
IN
· RDS(ON)
I
-
OCL
(
)
R
(k )=
TRIP
W
V
(mV)
TRIP
I
( A)
TRIP
m
¾
TPS53127
SLVSA93 – MARCH 2010
www.ti.com
Output Discharge Control
TPS53127 discharges the outputs when ENx is low, or the controller is turned off by the protection functions
(OVP, UVP, UVLO, and thermal shutdown). The device discharges output using an internal 40-
Ω MOSFET which
is connected to VOx and PGNDx. The external low-side MOSFET is not turned on during the output discharge
operation to avoid the possibility of causing negative voltage at the output. This discharge ensures that on start
the regulated voltage always initializes from 0 V.
Over Current Limit
TPS53127 has cycle-by-cycle over current limit feature. The over current limits the inductor valley current by
monitoring the voltage drop across the low-side MOSFET RDS(ON) during the low-side driver on-time. If the
inductor current is larger than the over current limit (OCL), the TPS53127 delays the start of the next switching
cycle until the sensed inductor current falls below the OCL current. MOSFET RDS(ON) current sensing is used to
provide an accuracy and cost effective solution without external devices. To program the OCL, the TRIP pin
should be connected to GND through a trip voltage setting resistor, according to the following equations.
(1)
(2)
The trip voltage should be between 30 mV to 300 mV over all operational temperature, including the
4000-ppm/°C temperature slope compensation for the temperature dependency of the RDS(ON).
If the load current exceeds the over current limit, the voltage will begin to drop. If the over current conditions
continues the output voltage will fall below the under voltage protection threshold and the TPS53127 will shut
down.
In an over current condition, the current to the load exceeds the current to the output capacitor; thus the output
voltage tends to fall off. Eventually, it will end up with crossing the under voltage protection threshold and
shutdown.
Over/Under Voltage Protection
TPS53127 monitors a resistor divided feedback voltage to detect over and under voltage. If the feedback voltage
is higher than 115% of the reference voltage, the OVP comparator output goes high and the circuit latches the
high-side MOSFET driver OFF and the low-side MOSFET driver ON.
When the feedback voltage is lower than 70% of the reference voltage, the UVP comparator output goes high
and an internal UVP delay counter begins counting. After 30 ms, TPS53127 latches OFF both top and bottom
MOSFET drivers. This function is enabled approximately 1.7 x TSS after power-on. The OVP and UVP latch off is
reset when EN goes low level.
UVLO Protection
TPS53127 has V5FILT under voltage lock out protection (UVLO) that monitors the voltage of V5FILT pin.
When the V5FILT voltage is lower than UVLO threshold voltage, the device is shut off. All output drivers are OFF
and output discharge is ON. The UVLO is non-latch protection.
Thermal Shutdown
The TPS53127 includes an over temperature protection shut-down feature. If the TPS53127 die temperature
exceeds the OTP threshold (typically 150°C), both the high-side and low-side drivers are shut off, the output
voltage discharge function is enabled and then the device is shut off until the die temperature drops. Thermal
shutdown is a non-latch protection.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS53127


Similar Part No. - TPS53127RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53127RGER TI-TPS53127RGER Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results

Similar Description - TPS53127RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com