Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVCH2T45DCUTE4 Datasheet(PDF) 9 Page - Texas Instruments

Part # 74AVCH2T45DCUTE4
Description  DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AVCH2T45DCUTE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 74AVCH2T45DCUTE4 Datasheet HTML 5Page - Texas Instruments 74AVCH2T45DCUTE4 Datasheet HTML 6Page - Texas Instruments 74AVCH2T45DCUTE4 Datasheet HTML 7Page - Texas Instruments 74AVCH2T45DCUTE4 Datasheet HTML 8Page - Texas Instruments 74AVCH2T45DCUTE4 Datasheet HTML 9Page - Texas Instruments 74AVCH2T45DCUTE4 Datasheet HTML 10Page - Texas Instruments 74AVCH2T45DCUTE4 Datasheet HTML 11Page - Texas Instruments 74AVCH2T45DCUTE4 Datasheet HTML 12Page - Texas Instruments 74AVCH2T45DCUTE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.ti.com
Operating Characteristics
POWER-UP CONSIDERATIONS
SN74AVCH2T45
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES582F – JULY 2004 – REVISED NOVEMBER 2007
TA = 25°C
VCCA =
VCCA =
VCCA =
VCCA =
VCCA =
TEST
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
A-port input,
3
3
3
3
4
CL = 0,
B-port output
CpdA
(1)
f = 10 MHz,
pF
B-port input,
tr = tf = 1 ns
13
13
14
15
15
A-port output
A-port input,
13
13
14
15
15
CL = 0,
B-port output
CpdB
(1)
f = 10 MHz,
pF
B-port input,
tr = tf = 1 ns
3
3
3
3
4
A-port output
(1)
Power dissipation capacitance per transceiver
A proper power-up sequence always should be followed to avoid excessive supply current, bus contention,
oscillations, or other anomalies. To guard against such power-up problems, take the following precautions:
1. Connect ground before any supply voltage is applied.
2. Power up VCCA.
3. VCCB can be ramped up along with or after VCCA.
Table 1. Typical Total Static Power Consumption (ICCA + ICCB)
VCCA
VCCB
UNIT
0 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
0 V
0
<0.5
<0.5
<0.5
<0.5
<0.5
1.2 V
<0.5
<1
<1
<1
<1
1
1.5 V
<0.5
<1
<1
<1
<1
1
µA
1.8 V
<0.5
<1
<1
<1
<1
<1
2.5 V
<0.5
1
<1
<1
<1
<1
3.3 V
<0.5
1
<1
<1
<1
<1
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74AVCH2T45


Similar Part No. - 74AVCH2T45DCUTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVCH2T45DCUTE4 TI-74AVCH2T45DCUTE4 Datasheet
418Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - 74AVCH2T45DCUTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
427Kb / 22P
[Old version datasheet]   DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_08 Datasheet
628Kb / 26P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245_10 Datasheet
496Kb / 15P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
395Kb / 14P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com