Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61201DRC Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS61201DRC
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61201DRC Datasheet(HTML) 2 Page - Texas Instruments

  TPS61201DRC Datasheet HTML 1Page - Texas Instruments TPS61201DRC Datasheet HTML 2Page - Texas Instruments TPS61201DRC Datasheet HTML 3Page - Texas Instruments TPS61201DRC Datasheet HTML 4Page - Texas Instruments TPS61201DRC Datasheet HTML 5Page - Texas Instruments TPS61201DRC Datasheet HTML 6Page - Texas Instruments TPS61201DRC Datasheet HTML 7Page - Texas Instruments TPS61201DRC Datasheet HTML 8Page - Texas Instruments TPS61201DRC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS TABLE
RECOMMENDED OPERATING CONDITIONS
TPS61200
TPS61201
TPS61202
SLVS577B – MARCH 2007 – REVISED FEBRUARY 2008
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE DEVICE OPTIONS(1)
PACKAGE
OUTPUT VOLTAGE
TA
PACKAGE(2)
PART NUMBER(3)
DC/DC
MARKING
Adjustable
BRR
TPS61200DRC
3.3 V
BRS
TPS61201DRC
–40
°C to 85°C
10-Pin QFN
5 V
BRT
TPS61202DRC
5 V
CER
TPS61202DSC
(1)
Contact the factory to check availability of other fixed output voltage versions.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
The DRC and the DSC package are available taped and reeled. Add R suffix to device type (e.g., TPS61200DRCR or TPS61202DSCR)
to order quantities of 3000 devices per reel. It is also available in minireels. Add a T suffix to the device type (i.e. TPS61200DRCT or
TPS61202DSCT) to order quantities of 250 devices per reel.
over operating free-air temperature range (unless otherwise noted)
(1)
TPS6120x
UNIT
VI
Input voltage range on VIN, L, VAUX, VOUT, PS, EN, FB, UVLO
– 0.3 to 7
V
TJ
Operating junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
–65 to 150
°C
Human Body Model (HBM) (2)
4
kV
ESD
Machine Model (MM) (2)
200
V
Charged Device Model (CDM)(2)
1.5
kV
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL RESISTANCE
POWER RATING
DERATING FACTOR ABOVE
PACKAGE
ΘJA
TA ≤ 25°C
TA = 25°C
DRC
48.7
°C/W
2054 mW
21 mW/
°C
MIN
NOM
MAX
UNIT
VSS
Supply voltage at VIN
0.3
5.5
V
TA
Operating free air temperature range
–40
85
°C
TJ
Operating virtual junction temperature range
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS61200 TPS61201 TPS61202


Similar Part No. - TPS61201DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61201DRC TI-TPS61201DRC Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61201DRCR TI-TPS61201DRCR Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61201DRCR TI-TPS61201DRCR Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61201DRCR TI-TPS61201DRCR Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61201DRCRG4 TI-TPS61201DRCRG4 Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results

Similar Description - TPS61201DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61200 TI-TPS61200 Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200_08 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS6120x Low Input Voltage Synchronous Boost Converter With 1.3-A Switches
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
logo
Diodes Incorporated
AP72250 DIODES-AP72250_V01 Datasheet
2Mb / 26P
   0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
Rev. 1 - 2 January 2022
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com