Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS658621AZGUT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS658621AZGUT
Description  Advanced Power Management Unit
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS658621AZGUT Datasheet(HTML) 1 Page - Texas Instruments

  TPS658621AZGUT Datasheet HTML 1Page - Texas Instruments TPS658621AZGUT Datasheet HTML 2Page - Texas Instruments TPS658621AZGUT Datasheet HTML 3Page - Texas Instruments TPS658621AZGUT Datasheet HTML 4Page - Texas Instruments TPS658621AZGUT Datasheet HTML 5Page - Texas Instruments TPS658621AZGUT Datasheet HTML 6Page - Texas Instruments TPS658621AZGUT Datasheet HTML 7Page - Texas Instruments TPS658621AZGUT Datasheet HTML 8Page - Texas Instruments TPS658621AZGUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
TPS658621A
www.ti.com
SLVSA58 – DECEMBER 2009
Advanced Power Management Unit
Check for Samples: TPS658621A
1
INTRODUCTION
1.1
MAIN FEATURES
1
Max 18V Over-Voltage Protection
• BATTERY CHARGER
– Power Good Monitoring on all Supply
– Complete Charge Management Solution for a
Outputs
Single Cell Li-Ion/Li-Pol Cell With Dynamic
Power Management and Thermal Foldback.
– Software Reset Function
– Maximum 1.0A charge current
– Hardware On/Off and Reboot Control
– Programmable Adapter and USB Charge
– 11 Channel ADC With 3 Operating Modes
Operation
Single Conversion
• INTEGRATED POWER SUPPLIES
Peak Detection
– 3 Programmable Step-Down converters
Averaging
Software Controlled Enable/Forced PWM
Mode
1.2
APPLICATIONS
Automatic Power Saving Mode
Smart Phones
Maximum 1.2A Outputs
Portable Navigation Devices
– 11 Programmable General Purpose LDOs
Portable Media Players
7 With Output Voltages of 1.25V to 3.3V
2 With Output Voltages of 0.725V to 1.5V
or 1.25V to 2.586V (factory configurable)
1 “Always On” With Output Voltages of
1.25V to 3.3V
1 With Output Voltage of 1.70V–2.475V
• DISPLAY SUPPORT FUNCTIONS
– 4 PWM Outputs With Programmable
Frequency and Duty Cycle
– Dual RGB LED Drivers
– Constant Current WLED Driver
26.5V (max) at 25mA
Over-Voltage Protection
Programmable Current Level and
Brightness Control
• HOST INTERFACE
– Interrupt Controller With Maskable Interrupts
– External ADC Triggering and Step-Down
Converter Mode Control
• SYSTEM MANAGEMENT
– Dual Input Power Path
USB Current Limiting
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS658621AZGUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658621AZGUT TI-TPS658621AZGUT Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUT-1 TI1-TPS658621AZGUT-1 Datasheet
160Kb / 6P
[Old version datasheet]   Advanced Power Management Unit
More results

Similar Description - TPS658621AZGUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
   Advanced Power Management Unit
Rev 3, 28-June-17
logo
Texas Instruments
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com