Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24072T Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ24072T
Description  1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24072T Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24072T_2 Datasheet HTML 5Page - Texas Instruments BQ24072T_2 Datasheet HTML 6Page - Texas Instruments BQ24072T_2 Datasheet HTML 7Page - Texas Instruments BQ24072T_2 Datasheet HTML 8Page - Texas Instruments BQ24072T_2 Datasheet HTML 9Page - Texas Instruments BQ24072T_2 Datasheet HTML 10Page - Texas Instruments BQ24072T_2 Datasheet HTML 11Page - Texas Instruments BQ24072T_2 Datasheet HTML 12Page - Texas Instruments BQ24072T_2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
USB100
USB5 00
VREF- ILIM
USB-susp
ShortDetect
ShortDetect
TJ(REG)
TJ
VDPPM
VOUT
VBAT(REG)
V BAT(SC)
VO(REG)
VO(SC1)
OUT-SC1
BAT-SC
Q1
Q2
VLOWV
VRCH
VCOLD
VHOT
tDGL(NO-IN)
tDGL(PGOOD)
tBLK(OVP)
VBAT + VIN-DT
VUVLO
VOVP
VIN
Dynamically
Controlled
Oscillator
V IPRECHG
VICHG
VISET
Fast- Charge
Timer
Pre- Charge
Timer
Halttimers
Timerfault
EN1
EN2
USBSuspend
EN2
CE
IN
EN1
EN2
CHG
PGOOD
TS
OUT
BAT
ISET
ILIM
ChargeControl
VIN-LOW
VBAT
OUT- SC2
Resettimers
t DGL(TS)
VOUT
Supplement
t DGL(SC2)
VBAT
250mV
40mV
225mV)
2.25V
Fastcharge
225mV
Precharge
SYSOFF
CHARGEPUMP
VIN
TMR
bq24072T
bq24075T, bq24079T
www.ti.com
SLUS937A – DECEMBER 2009 – REVISED APRIL 2010
SIMPLIFIED BLOCK DIAGRAM
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq24072T bq24075T bq24079T


Similar Part No. - BQ24072T_2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24072TRGTR TI-bq24072TRGTR Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072TRGTR TI-BQ24072TRGTR Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
bq24072TRGTT TI-bq24072TRGTT Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072TRGTT TI-BQ24072TRGTT Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
More results

Similar Description - BQ24072T_2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com