Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61202DSCT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61202DSCT
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61202DSCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61202DSCT Datasheet HTML 4Page - Texas Instruments TPS61202DSCT Datasheet HTML 5Page - Texas Instruments TPS61202DSCT Datasheet HTML 6Page - Texas Instruments TPS61202DSCT Datasheet HTML 7Page - Texas Instruments TPS61202DSCT Datasheet HTML 8Page - Texas Instruments TPS61202DSCT Datasheet HTML 9Page - Texas Instruments TPS61202DSCT Datasheet HTML 10Page - Texas Instruments TPS61202DSCT Datasheet HTML 11Page - Texas Instruments TPS61202DSCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
V -InputVoltage-V
I
I
=10mA
O
0
10
20
30
40
50
60
70
80
90
100
TPS61201
V
=3.3V,
PowerSaveEnabled
O
0 0.5
1
1.5
2
2.5
3
3.5
4
4.5
5 5.5
I
=500mA
O
I
=100mA
O
I
=1000mA
O
0
10
20
30
40
50
60
70
80
90
100
0.10
1
10
100
1k
10k
I
-OutputCurrent-mA
O
V =0.9V
I
TPS61202
V
=5V,
PowerSaveDisabled
O
V =1.8V
I
V =3.6V
I
V =2.4V
I
V -InputVoltage-V
I
I
=10mA
O
0
10
20
30
40
50
60
70
80
90
100
TPS61202
V
=5V,
PowerSaveEnabled
O
0 0.5
1
1.5
2
2.5
3
3.5
4
4.5
5 5.5
I
=500mA
O
I
=100mA
O
I
=1000mA
O
V -InputVoltage-V
I
I
=10mA
O
0
10
20
30
40
50
60
70
80
90
100
TPS61201
V
=3.3V,
PowerSaveDisabled
O
0 0.5
1
1.5
2
2.5
3
3.5
4
4.5
5 5.5
I
=100mA
O
I
=500mA
O
I
=1000mA
O
TPS61200
TPS61201
TPS61202
SLVS577B – MARCH 2007 – REVISED FEBRUARY 2008
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 7.
Figure 8.
EFFICIENCY
EFFICIENCY
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 9.
Figure 10.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS61200 TPS61201 TPS61202


Similar Part No. - TPS61202DSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61202DSCT TI-TPS61202DSCT Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61202DSCT TI-TPS61202DSCT Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61202DSCTG4 TI-TPS61202DSCTG4 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61202DSCTG4 TI-TPS61202DSCTG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results

Similar Description - TPS61202DSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61200 TI-TPS61200 Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200_08 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS6120x Low Input Voltage Synchronous Boost Converter With 1.3-A Switches
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
logo
Diodes Incorporated
AP72250 DIODES-AP72250_V01 Datasheet
2Mb / 26P
   0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
Rev. 1 - 2 January 2022
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com