Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24075T Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24075T
Description  1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24075T Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24075T Datasheet HTML 6Page - Texas Instruments BQ24075T Datasheet HTML 7Page - Texas Instruments BQ24075T Datasheet HTML 8Page - Texas Instruments BQ24075T Datasheet HTML 9Page - Texas Instruments BQ24075T Datasheet HTML 10Page - Texas Instruments BQ24075T Datasheet HTML 11Page - Texas Instruments BQ24075T Datasheet HTML 12Page - Texas Instruments BQ24075T Datasheet HTML 13Page - Texas Instruments BQ24075T Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
V
IN
500mV/div
4ms/div
5V/div
I
BAT
V
PGOOD
5V/div
V
3.6V
BAT
500mA/div
V
CHG
I
BAT
2V/div
400ms/div
V
BAT
1 A/div
5V/div
Battery
Removed
BatteryDetectionMode
V
CHG
I
BAT
2V/div
400 ms/div
V
BAT
1 A/div
5V/div
ChargingInitiated
BatteryDetectionMode
BatteryInserted
I
OUT
I
BAT
V
3.6V
BAT
500mA/div
200mV/div
1ms/div
V
3.825V
OUT
1 A/div
SupplementMode
TrackingtoV
+225mV
BAT
I
OUT
I
BAT
200mA/div
2 ms/div
V
OUT
5.5V
500mV/div
200mA/div
2ms/div
I
OUT
I
BAT
V
4.1V
BAT
I
5.5V
OUT
500mA/div
500mV/div
500mA/div
SupplementMode
5V/div
2V/div
400 s/div
m
500mA/div
V
SYSOFF
I
BAT
V
4V
BAT
V
5.5V
OUT
V
CE
I
BAT
V
3.6V
BAT
V
CHG
500mA/div
1V/div
5V/div
5V/div
10ms/div
MandatoryPrecharge
2V/div
200mV/div
500mA/div
40
s/div
m
V
IN
I
BAT
V
4.2V
BAT
V
4.3V
OUT
bq24072T
bq24075T, bq24079T
SLUS937A – DECEMBER 2009 – REVISED APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS
VIN = 6V, EN1 = 1, EN2 = 0, TA = 25°C, unless otherwise noted.
ADAPTER PLUG-IN
BATTERY CONNECTED
BATTERY DETECTION
BATTERY DETECTION
RLOAD = 10Ω
BATTERY INSERTED
BATTERY REMOVED
Figure 1.
Figure 2.
Figure 3.
ENTERING AND EXITING
ENTERING AND EXITING BATTERY
ENTERING AND EXITING BATTERY
DPPM MODE
SUPPLEMENT MODE
SUPPLEMENT MODE
ILOAD = 25 mA TO 250 mA,
ILOAD = 25mA TO 750mA
RLOAD = 20Ω TO 4.5Ω
ICHARGE = 300 mA
bq24075T, bq24079T
bq24072T
Figure 4.
Figure 5.
Figure 6.
SYSTEM ON/OFF WITH INPUT
OVP FAULT
CONNECTED
CHARGER ON/OFF USING CE
VIN = 5.5V TO 8.5V
VIN = 6V
Figure 7.
Figure 8.
Figure 9.
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): bq24072T bq24075T bq24079T


Similar Part No. - BQ24075T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
bq24075T TI-bq24075T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
bq24075TRGTR TI-bq24075TRGTR Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
bq24075TRGTR TI-bq24075TRGTR Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
More results

Similar Description - BQ24075T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com