Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7702BMFKB Datasheet(PDF) 1 Page - Texas Instruments

Part # TL7702BMFKB
Description  SUPPLY-VOLTAGE SUPERVISORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7702BMFKB Datasheet(HTML) 1 Page - Texas Instruments

  TL7702BMFKB Datasheet HTML 1Page - Texas Instruments TL7702BMFKB Datasheet HTML 2Page - Texas Instruments TL7702BMFKB Datasheet HTML 3Page - Texas Instruments TL7702BMFKB Datasheet HTML 4Page - Texas Instruments TL7702BMFKB Datasheet HTML 5Page - Texas Instruments TL7702BMFKB Datasheet HTML 6Page - Texas Instruments TL7702BMFKB Datasheet HTML 7Page - Texas Instruments TL7702BMFKB Datasheet HTML 8Page - Texas Instruments TL7702BMFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TL7702B, TL7705B, TL7733B
SUPPLY-VOLTAGE SUPERVISORS
SLVS037M – SEPTEMBER 1989 – REVISED MAY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Power-On Reset Generator
D Automatic Reset Generation After
Voltage Drop
D RESET Output Defined From VCC ≥ 1 V
D Precision Voltage Sensor
D Temperature-Compensated Voltage
Reference
D True and Complement Reset Outputs
D Externally Adjustable Pulse Duration
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
SENSE
NC
RESET
NC
NC
RESIN
NC
CT
NC
TL7705BM ...FK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
REF
RESIN
CT
GND
VCC
SENSE
RESET
RESET
TL77xxBC ...D OR P PACKAGE
TL7705BM . . . JG PACKAGE
TL7705BQ ...D PACKAGE
(TOP VIEW)
1
2
3
4
5
10
9
8
7
6
NC
REF
RESIN
CT
GND
NC
VCC
SENSE
RESET
RESET
TL7705BM ...U PACKAGE
(TOP VIEW)
NC – No internal connection
NC – No internal connection
description/ordering information
The TL7702B, TL7705B, and TL7733B are integrated-circuit supply-voltage supervisors designed for use as
reset controllers in microcomputer and microprocessor systems. The supply-voltage supervisor monitors the
supply for undervoltage conditions at the SENSE input. During power up, the RESET output becomes active
(low) when VCC attains a value approaching 1 V. As VCC approaches 3 V (assuming that SENSE is above VT+),
the delay-timer function activates a time delay, after which outputs RESET and RESET go inactive (high and
low, respectively). When an undervoltage condition occurs during normal operation, outputs RESET and
RESET go active. To ensure that a complete reset occurs, the reset outputs remain active for a time delay after
the voltage at the SENSE input exceeds the positive-going threshold value. The time delay is determined by
the value of the external capacitor CT: td ≈ 2.6 × 104 × CT, where CT is in farads (F) and td is in seconds (s).
An external capacitor (typically 0.1
µF) must be connected to REF to reduce the influence of fast transients in
the supply voltage.
The TL7702BC, TL7705BC, and TL7733BC are characterized for operation from 0
°C to 70°C. The TL7702BI,
TL7705BI, and TL7733BI are characterized for operation from –40
°C to 85°C. The TL7705BQ is characterized
for operation from –40
°C to 125°C. The TL7705BM is characterized for operation from –55°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
The TL7705BM is obsolete
and no longer is supplied.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TL7702BMFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7702BMFKB TI-TL7702BMFKB Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results

Similar Description - TL7702BMFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_03 Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700A STMICROELECTRONICS-TL7700A Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
logo
Texas Instruments
TL7759 TI-TL7759 Datasheet
87Kb / 6P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700 STMICROELECTRONICS-TL7700 Datasheet
67Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com