Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24073RGTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24073RGTR
Description  1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24073RGTR Datasheet(HTML) 4 Page - Texas Instruments

  BQ24073RGTR Datasheet HTML 1Page - Texas Instruments BQ24073RGTR Datasheet HTML 2Page - Texas Instruments BQ24073RGTR Datasheet HTML 3Page - Texas Instruments BQ24073RGTR Datasheet HTML 4Page - Texas Instruments BQ24073RGTR Datasheet HTML 5Page - Texas Instruments BQ24073RGTR Datasheet HTML 6Page - Texas Instruments BQ24073RGTR Datasheet HTML 7Page - Texas Instruments BQ24073RGTR Datasheet HTML 8Page - Texas Instruments BQ24073RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
bq24072, bq24073
bq24074, bq24075, bq24079
SLUS810E – SEPTEMBER 2008 – REVISED JULY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
Over junction temperature range (0°
≤ TJ ≤ 125°C) and the recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
UVLO
Undervoltage lock-out
VIN: 0 V → 4 V
3.2
3.3
3.4
V
Vhys
Hysteresis on UVLO
VIN: 4 V → 0 V
200
300
mV
Input power detected when VIN > VBAT + VIN(DT)
VIN(DT)
Input power detection threshold
55
80
130
mV
VBAT = 3.6 V, VIN: 3.5 V → 4 V
Vhys
Hysteresis on VIN(DT)
VBAT = 3.6 V, VIN: 4 V → 3.5 V
20
mV
Time measured from VIN: 0 V → 5 V 1 ms
tDGL(PGOOD)
Deglitch time, input power detected status
1.2
ms
rise-time to PGOOD = LO
VIN: 5 V → 7 V
(’72, ’73, ’75, '79)
6.4
6.6
6.8
VOVP
Input overvoltage protection threshold
V
VIN: 5 V → 11 V
(’74)
10.2
10.5
10.8
VIN: 7 V → 5V
(’72, ’73, ’75, '79)
110
Vhys
Hysteresis on OVP
mV
VIN: 11 V → 5 V
(’74)
175
tDGL(OVP)
Input overvoltage blanking time (OVP fault deglitch)
50
ms
Time measured from VIN: 11 V → 5 V with 1 ms
tREC
Input overvoltage recovery time
1.2
ms
fall-time to PGOOD = LO
ILIM, ISET SHORT CIRCUIT DETECTION (CHECKED DURING STARTUP)
ISC
Current source
VIN > UVLO and VIN > VBAT + VIN(DT)
1.3
mA
VSC
VIN > UVLO and VIN > VBAT + VIN(DT)
520
mV
QUIESCENT CURRENT
CE = LO or HI, input power not detected,
IBAT(PDWN)
Sleep current into BAT pin
6.5
mA
No load on OUT pin, TJ = 85°C
EN1= HI, EN2=HI, VIN = 6 V, TJ= 85°C
50
IIN
Standby current into IN pin
mA
EN1= HI, EN2=HI, VIN = 10 V, TJ= 85°C
200
CE = LO, VIN = 6 V, no load on OUT pin,
ICC
Active supply current, IN pin
1.5
mA
VBAT > VBAT(REG), (EN1, EN2) ≠ (HI, HI)
POWER PATH
VDO(IN-OUT)
VIN – VOUT
VIN = 4.3 V, IIN = 1A, VBAT = 4.2V
300
475
mV
VDO(BAT-OUT)
VBAT – VOUT
IOUT = 1 A, VIN = 0 V, VBAT > 3 V
50
100
mV
VIN > VOUT + VDO(IN-OUT), VBAT < 3.2 V
3.3
3.4
3.5
OUT pin voltage regulation (bq24072)
VBAT +
VBAT +
VBAT +
VIN > VOUT + VDO(IN-OUT), VBAT ≥ 3.2 V
150mV
225mV
270mV
VO(REG)
V
OUT pin voltage regulation (bq24073, bq24074)
VIN > VOUT + VDO(IN-OUT)
4.3
4.4
4.5
OUT pin voltage regulation (bq24075, bq24079)
VIN > VOUT + VDO(IN-OUT)
5.4
5.5
5.6
EN1 = LO, EN2 = LO
90
95
100
mA
IINmax
Maximum input current
EN1 = HI, EN2 = LO
450
475
500
EN2 = HI, EN1 = LO
KILIM/RILIM
A
ILIM = 500mA to 1.5A
1500
1610
1720
KILIM
Maximum input current factor
A
ILIM = 200mA to 500mA
1330
1525
1720
IINmax
Programmable input current limit range
EN2 = HI, EN1 = LO, RILIM = 8 kΩ to 1.1 kΩ
200
1500
mA
Input voltage threshold when input current is
VIN-DPM
EN2 = LO, EN1 = X
4.35
4.5
4.63
V
reduced
VO(REG)
VO(REG)
VO(REG)
(’72, ’73, ’74)
V
Output voltage threshold when charging current is
180mV
100mV
30mV
VDPPM
reduced
(’75, '79)
4.2
4.3
4.4
V
VOUT ≤ VBAT
VBSUP1
Enter battery supplement mode
VBAT = 3.6V, RILIM = 1.5kΩ, RLOAD = 10Ω → 2Ω
V
–40mV
VOUT
VBSUP2
Exit battery supplement mode
VBAT = 3.6V, RILIM = 1.5kΩ, RLOAD = 2Ω → 10Ω
V
VBAT–20mV
VO(SC1)
Output short-circuit detection threshold, power-on
VIN > VUVLO and VIN > VBAT + VIN(DT)
0.8
0.9
1
V
Output short-circuit detection threshold, supplement
VO(SC2)
VIN > VUVLO and VIN > VBAT + VIN(DT)
200
250
300
mV
mode VBAT – VOUT > VO(SC2) indicates short-circuit
tDGL(SC2)
Deglitch time, supplement mode short circuit
250
ms
tREC(SC2)
Recovery time, supplement mode short circuit
60
ms
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): bq24072 bq24073 bq24074 bq24075, bq24079


Similar Part No. - BQ24073RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24073RGTR TI-BQ24073RGTR Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24073RGTR TI-BQ24073RGTR Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
bq24073RGTR TI-bq24073RGTR Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24073RGTRG4 TI-BQ24073RGTRG4 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24073RGTRG4 TI-BQ24073RGTRG4 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
More results

Similar Description - BQ24073RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com