Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8R106M016EBA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TM8R106M016EBA
Description  Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM8R106M016EBA Datasheet(HTML) 1 Page - Vishay Siliconix

  TM8R106M016EBA Datasheet HTML 1Page - Vishay Siliconix TM8R106M016EBA Datasheet HTML 2Page - Vishay Siliconix TM8R106M016EBA Datasheet HTML 3Page - Vishay Siliconix TM8R106M016EBA Datasheet HTML 4Page - Vishay Siliconix TM8R106M016EBA Datasheet HTML 5Page - Vishay Siliconix TM8R106M016EBA Datasheet HTML 6Page - Vishay Siliconix TM8R106M016EBA Datasheet HTML 7Page - Vishay Siliconix TM8R106M016EBA Datasheet HTML 8Page - Vishay Siliconix TM8R106M016EBA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TM8
Vishay Sprague
Solid Tantalum Chip Capacitors
MICROTANTM High Reliability, Low DCL, Leadframeless Molded
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40133
38
Revision: 22-Jun-10
FEATURES
• High reliability solid surface mount tantalum
capacitors
• Low DCL for extended battery life
• Small sizes for space constrained applications
• L-shaped terminations for superior board
mounting
• Suitable for medical implantable applications with
additional screening
• Compliant to RoHS directive 2002/95/EC
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
(to + 125 °C with voltage derating)
Capacitance Range: 1 µF to 47 µF
Capacitance Tolerance: ± 10 % and ± 20 % standard
Voltage Range: 2 WVDC to 40 WVDC
Note
• Standard options are in bold
ORDERING INFORMATION
TM8
R
106
M
016
E
B
A
MODEL
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
TERMINATION/
PACKAGING
RELIABILITY
LEVEL
SURGE
CURRENT
See
Ratings
and
Case
Codes
Table
This is expressed
in picofarads.
The first two
digits are the
significant
figures. The third
is the number of
zeros to follow.
K = ± 10 %
M = ± 20 %
This is expressed in
volts.
To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point is
indicated by an “R”
(6R3 = 6.3 V).
E = Sn/Pb solder/
7" (178 mm) reels
R = Sn/Pb solder/
7" (178 mm)
300 pcs. qty.
C = 100 % tin/
7" (178 mm) reels
U = 100 % tin/
7" (178 mm)
300 pcs. qty.
B = 0.1 %
weibull FRL
S = Hi-Rel std.
(40 h burn-in)
Z = Non-
established
reliability
A = 10 cycles
at 25 °C
B = 10 cycles at
- 55 °C/+ 85 °C
Z = None
DIMENSIONS in inches [millimeters]
CASE
L
W
H
P1
P2 (REF.)
C
Q
0.100 ± 0.015
[2.54 ± 0.38]
0.053 ± 0.012
[1.35 ± 0.30]
0.050 ± 0.012
[1.27 ± 0.30]
0.031 + 0.004/- 0.006
[0.80 + 0.1/- 0.15]
0.038 ± 0.010
[0.96 ± 0.25]
0.046 + 0.009/- 0.001
[1.17 + 0.23/- 0.025]
D
0.150 ± 0.015
[3.8 ± 0.38]
0.100 ± 0.015
[2.54 ± 0.38]
0.050 ± 0.012
[1.27 ± 0.30]
0.031 + 0.004/- 0.006
[0.80 + 0.1/- 0.15]
0.088 ± 0.010
[2.24 ± 0.25]
0.091 + 0.009/- 0.001
[2.3 + 0.23/- 0.025]
E
0.201 ± 0.015
[5.1 ± 0.38]
0.100 ± 0.015
[2.54 ± 0.38]
0.050 ± 0.012
[1.27 ± 0.30]
0.031 + 0.004/- 0.006
[0.80 + 0.1/- 0.15]
0.139 ± 0.010
[3.5 ± 0.25]
0.091 + 0.009/- 0.001
[2.3 + 0.23/- 0.025]
F
0.220 ± 0.015
[5.6 ± 0.38]
0.138 ± 0.012
[3.5 ± 0.3]
0.050 ± 0.012
[1.27 ± 0.30]
0.039 ± 0.005
[1.0 ± 0.13]
0.142 ± 0.010
[3.6 ± 0.25]
0.126 + 0.009/- 0.001
[3.2 + 0.23/- 0.025]
K
0.045 ± 0.002
[1.14 ± 0.05]
0.026 ± 0.002
[0.66 ± 0.05]
0.024 max.
[0.61 max.]
0.010 ± 0.004
[0.25 ± 0.1]
0.020 min.
[0.51 min.]
0.015 ± 0.004
[0.38 ± 0.1]
L
Anode Polarity Bar
Anode Termination
H
W
P1
C
P2
P1
Cathode Termination


Similar Part No. - TM8R106M016EBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TM8R106M016EBA VISHAY-TM8R106M016EBA Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
More results

Similar Description - TM8R106M016EBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Revision: 22-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com