Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24075RGTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24075RGTR
Description  1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24075RGTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24075RGTR Datasheet HTML 6Page - Texas Instruments BQ24075RGTR Datasheet HTML 7Page - Texas Instruments BQ24075RGTR Datasheet HTML 8Page - Texas Instruments BQ24075RGTR Datasheet HTML 9Page - Texas Instruments BQ24075RGTR Datasheet HTML 10Page - Texas Instruments BQ24075RGTR Datasheet HTML 11Page - Texas Instruments BQ24075RGTR Datasheet HTML 12Page - Texas Instruments BQ24075RGTR Datasheet HTML 13Page - Texas Instruments BQ24075RGTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
600
400
100
Temperature- C
o
300
200
500
0
120
125
130
135
140
145
5V/div
500mA/div
4ms/div
2V/div
V
SYSOFF
I
BAT
V
4V
BAT
V
OUT
BatteryPowering
System
SystemPowerOff
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
25
50
75
100
125
T -JunctionTemperature-°C
J
I =1 A
L
0
20
40
60
80
100
120
0
25
50
75
100
125
T -JunctionTemperature-°C
J
VBAT =3V
VBAT =3.9V
I =1 A
L
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
2
2.5
3
3.5
4
4.5
V
-BatteryVoltage-V
BAT
V
=5V
IN
3.60
3.62
3.64
3.66
3.68
3.70
3.72
3.74
3.76
3.78
3.80
0
25
50
75
100
125
T -JunctionTemperature-°C
J
V
=5V,
V
=3.5V,
I =1 A
IN
BAT
L
bq24072, bq24073
bq24074, bq24075, bq24079
SLUS810E – SEPTEMBER 2008 – REVISED JULY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VIN = 6V, EN1=1, EN2=0, bq24073 application circuit, TA = 25°C, unless otherwise noted.
SYSTEM ON/OFF WITH INPUT NOT
CONNECTED
DROPOUT VOLTAGE
VIN = 0V
vs
bq24075, bq24079
THERMAL REGULATION
TEMPERATURE
Figure 10.
Figure 11.
Figure 12.
DROPOUT VOLTAGE
bq24072
bq24072
vs
OUTPUT REGULATION VOLTAGE
OUTPUT REGULATION VOLTAGE
TEMPERATURE
vs
vs
NO INPUT SUPPLY
BATTERY VOLTAGE
TEMPERATURE
Figure 13.
Figure 14.
Figure 15.
10
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): bq24072 bq24073 bq24074 bq24075, bq24079


Similar Part No. - BQ24075RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24075RGTR TI-BQ24075RGTR Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075RGTR TI-BQ24075RGTR Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
bq24075RGTR TI-bq24075RGTR Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075RGTRG4 TI-BQ24075RGTRG4 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075RGTRG4 TI-BQ24075RGTRG4 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
More results

Similar Description - BQ24075RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com