Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8L106K016EBA Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TM8L106K016EBA
Description  Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM8L106K016EBA Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TM8L106K016EBA Datasheet HTML 2Page - Vishay Siliconix TM8L106K016EBA Datasheet HTML 3Page - Vishay Siliconix TM8L106K016EBA Datasheet HTML 4Page - Vishay Siliconix TM8L106K016EBA Datasheet HTML 5Page - Vishay Siliconix TM8L106K016EBA Datasheet HTML 6Page - Vishay Siliconix TM8L106K016EBA Datasheet HTML 7Page - Vishay Siliconix TM8L106K016EBA Datasheet HTML 8Page - Vishay Siliconix TM8L106K016EBA Datasheet HTML 9Page - Vishay Siliconix TM8L106K016EBA Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TM8
Vishay Sprague
Solid Tantalum Chip Capacitors
MICROTANTM High Reliability, Low DCL,
Leadframeless Molded
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40133
44
Revision: 22-Jun-10
PAPER TAPE AND REEL PACKAGING in inches [millimeters]
TM8
CASE
SIZE
TAPE
SIZE
A0
B0
D0
P0
P1
P2
EF
W
T
K8 mm
0.033 ± 0.002
[0.85 ± 0.05]
0.053 ± 0.002
[1.35 ± 0.05]
0.06 ± 0.004
[1.5 ± 0.1]
0.157 ± 0.004
[4.0 ± 0.1]
0.078 ± 0.004
[2.0 ± 0.1]
0.079 ± 0.002
[2.0 ± 0.05]
0.069 ± 0.004
[1.75 ± 0.1]
0.0138 ± 0.002
[3.5 ± 0.05]
0.315 ± 0.008
[8.0 ± 0.2]
0.03 ± 0.002
[0.75 ± 0.05]
M8 mm
0.041 ± 0.002
[1.05 ± 0.05]
0.071 ± 0.002
[1.8 ± 0.05]
0.06 ± 0.004
[1.5 ± 0.1]
0.157 ± 0.004
[4.0 ± 0.1]
0.157 ± 0.004
[4.0 ± 0.1]
0.079 ± 0.002
[2.0 ± 0.05]
0.069 ± 0.004
[1.75 ± 0.1]
0.0138 ± 0.002
[3.5 ± 0.05]
0.315 ± 0.008
[8.0 ± 0.2]
0.037 ± 0.002
[0.95 ± 0.05]
Ø D
0
T
Bottom Cover
Tape
F
P
1
A0
B
0
E2
P2
W
P0
E
1
Cavity Size
Note 1
Bottom Cover Tape
User Feed Direction
Cavity Center Lines
Top
Cover Tape
[10 pitches cumulative tolerance
on tape ± 0.2 mm]
G
Anode
STANDARD PACKAGING QUANTITY
SERIES
CASE CODE
QTY (PCS/REEL)
7" REEL
1/2 REEL
SMALL REEL
TM8
K
5000
2500
300
M
4000
2000
300
P
3000
1500
300
Q
4000
2000
300
D
2500
1250
300
E
2500
1250
300
F
2500
1250
300
L
2500
1250
300
N
2500
1250
300
R
2500
1250
300
T
2500
1250
300
W
2500
1250
300
POWER DISSIPATION
SERIES
CASE CODE
MAXIMUM PERMISSIBLE
POWER DISSIPATION AT + 25 °C (W) IN FREE AIR
TM8
K
0.015
M
0.025
P
0.045
Q
0.045
D
0.084
E
0.090
F
0.110
L
0.035
N
0.075
R
0.045
T
0.084
W
0.040


Similar Part No. - TM8L106K016EBA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results

Similar Description - TM8L106K016EBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Revision: 22-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com