Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A5018DBQR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A5018DBQR
Description  10-廓 QUAD SPDT ANALOG SWITCH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A5018DBQR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS3A5018DBQR Datasheet HTML 2Page - Texas Instruments TS3A5018DBQR Datasheet HTML 3Page - Texas Instruments TS3A5018DBQR Datasheet HTML 4Page - Texas Instruments TS3A5018DBQR Datasheet HTML 5Page - Texas Instruments TS3A5018DBQR Datasheet HTML 6Page - Texas Instruments TS3A5018DBQR Datasheet HTML 7Page - Texas Instruments TS3A5018DBQR Datasheet HTML 8Page - Texas Instruments TS3A5018DBQR Datasheet HTML 9Page - Texas Instruments TS3A5018DBQR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TS3A5018
SCDS189D – JANUARY 2005 – REVISED MARCH 2010
www.ti.com
Electrical Characteristics for 2.5-V Supply
(1)
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNC,
0
V+
V
range
VNO
25°C
12
20
ON-state
0
≤ (VNC or VNO) ≤ V+,
Switch ON,
ron
2.3 V
resistance
ICOM = –24 mA,
See Figure 13
Full
22
ON-state
25°C
0.3
1
resistance
VNC or VNO = 1.6 V,
Switch ON,
Δron
2.3 V
match between
ICOM = –24 mA,
See Figure 13
Full
2
channels
ON-state
25°C
14
18
0
≤ (VNC or VNO) ≤ V+,
Switch ON,
resistance
ron(flat)
2.3 V
ICOM = –24 mA,
See Figure 13
Full
20
flatness
VNC or VNO = 0.5 V,
25°C
–0.1
0.05
0.1
VCOM = 2.2 V,
Switch OFF,
or
2.7 V
See Figure 14
Full
–0.2
0.2
VNC or VNO = 2.2 V,
NC, NO
VCOM = 0.5 V,
INC(OFF),
OFF leakage
mA
INO(OFF)
VNC or VNO = 0 to 3.6 V,
25°C
–2
0.05
2
current
VCOM = 3.6 V to 0,
Switch OFF,
or
0 V
See Figure 14
Full
–10
10
VNC or VNO = 3.6 V to 0,
VCOM = 0 to 3.6 V,
VCOM = 0.5 V,
25°C
–0.1
0.05
0.1
VNC or VNO = 2.2 V,
Switch OFF,
or
2.7 V
See Figure 14
Full
–0.2
0.2
VCOM = 2.2 V,
COM
VNC or VNO = 0.5 V,
OFF leakage
ICOM(OFF)
mA
VCOM = 0 to 3.6 V,
25°C
–2
0.05
2
current
VNC or VNO = 3.6 V to 0,
Switch OFF,
or
0 V
See Figure 14
Full
–10
10
VCOM = 3.6 V to 0,
VNC or VNO = 0 to 3.6 V,
VNC or VNO = 0.5 V,
25°C
–0.1
0.05
0.1
NC, NO
VCOM = Open,
INC(ON),
Switch ON,
ON leakage
or
2.7 V
mA
INO(ON)
See Figure 15
Full
–0.2
0.2
current
VNC or VNO = 2.2 V,
VCOM = Open,
VCOM = 0.5 V,
25°C
–0.1
0.05
0.1
COM
VNC or VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
or
2.7 V
mA
See Figure 15
Full
–0.2
0.2
current
VCOM = 2.2 V,
VNC or VNO = Open,
Digital Control Inputs (IN, EN)(2)
Input logic high
VIH
Full
1.7
V+
V
Input logic low
VIL
Full
0
0.7
V
25°C
–0.1
0.05
0.1
Input leakage
IIH, IIL
VI = V+ or 0
2.7 V
mA
current
Full
–1
1
(1)
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
6
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): TS3A5018


Similar Part No. - TS3A5018DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5018DBQR TI-TS3A5018DBQR Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
TS3A5018DBQR TI-TS3A5018DBQR Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018DBQR TI1-TS3A5018DBQR Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018DBQRE4 TI-TS3A5018DBQRE4 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018DBQRG4 TI-TS3A5018DBQRG4 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results

Similar Description - TS3A5018DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com