Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A5017DRE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TS3A5017DRE4
Description  DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A5017DRE4 Datasheet(HTML) 2 Page - Texas Instruments

  TS3A5017DRE4 Datasheet HTML 1Page - Texas Instruments TS3A5017DRE4 Datasheet HTML 2Page - Texas Instruments TS3A5017DRE4 Datasheet HTML 3Page - Texas Instruments TS3A5017DRE4 Datasheet HTML 4Page - Texas Instruments TS3A5017DRE4 Datasheet HTML 5Page - Texas Instruments TS3A5017DRE4 Datasheet HTML 6Page - Texas Instruments TS3A5017DRE4 Datasheet HTML 7Page - Texas Instruments TS3A5017DRE4 Datasheet HTML 8Page - Texas Instruments TS3A5017DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TS3A5017
SCDS188D – JANUARY 2005 – REVISED DECEMBER 2008 .......................................................................................................................................... www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
µQFN – RSV
Tape and reel
TS3A5017RSVR
ZVL
QFN – RGY
Tape and reel
TS3A5017RGYR
YA017
Tube
TS3A5017D
SOIC – D
TS3A5017
Tape and reel
TS3A5017DR
–40°C to 85°C
SSOP (QSOP) – DBQ
Tape and reel
TS3A5017DBQR
YA017
Tube
TS3A5017PW
TSSOP – PW
YA017
Tape and reel
TS3A5017PWR
TVSOP – DGV
Tape and reel
TS3A5017DGVR
YA017
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
SUMMARY OF CHARACTERISTICS
V+ = 3.3 V, TA = 25°C
Dual Analog
Configuration
Multiplexer/Demultiplexer
(4:1 Mux/Demux)
Number of channels
2
ON-state resistance (ron)
11
ON-state resistance match (
Δron)
1
ON-state resistance flatness (ron(flat))
7
Turn-on/turn-off time (tON/tOFF)
5 ns/1.5 ns
Charge injection (QC)
5 pC
Bandwidth (BW)
165 MHz
OFF isolation (OISO)
–48 dB at 10 MHz
Crosstalk (XTALK)
–49 dB at 10 MHz
Total harmonic distortion (THD)
0.21%
Leakage current (ID(OFF)/IS(OFF))
±0.1
µA
Power-supply current (I+)
2.5
µA
16-pin QFN,
µQFN, SOIC,
Package options
SSOP, TSSOP, or TVSOP
2
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TS3A5017


Similar Part No. - TS3A5017DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5017DRE4 TI1-TS3A5017DRE4 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS3A5017DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5017 TI1-TS3A5017_14 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017 Datasheet
363Kb / 20P
[Old version datasheet]   14-OHM DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5017 Dual SP4T Analog Switch / Multiplexer / Demultiplexer
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
logo
Texas Instruments
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com