Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3L100RGYR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TS3L100RGYR
Description  QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3L100RGYR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS3L100RGYR Datasheet HTML 4Page - Texas Instruments TS3L100RGYR Datasheet HTML 5Page - Texas Instruments TS3L100RGYR Datasheet HTML 6Page - Texas Instruments TS3L100RGYR Datasheet HTML 7Page - Texas Instruments TS3L100RGYR Datasheet HTML 8Page - Texas Instruments TS3L100RGYR Datasheet HTML 9Page - Texas Instruments TS3L100RGYR Datasheet HTML 10Page - Texas Instruments TS3L100RGYR Datasheet HTML 11Page - Texas Instruments TS3L100RGYR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TS3L100
QUAD SPDT WIDEBANDWIDTH LAN SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS161A − MAY 2004 – REVISED OCTOBER 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
OPERATING CHARACTERISTICS
1
10
100
600
Frequency − MHz
−250
−150
−50
50
150
250
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
Y Crosstalk at 30 MHz, −67.3 dB
J Phase at 30 MHz, −118.4 Degrees
J
Y
200
0
100
−100
−200
Crosstalk
Phase
Figure 3. Crosstalk vs Frequency


Similar Part No. - TS3L100RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L100RGYR TI-TS3L100RGYR Datasheet
476Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results

Similar Description - TS3L100RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5L100 TI-TS5L100_10 Datasheet
928Kb / 28P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100 TI-TS3L100 Datasheet
476Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS5L100 TI-TS5L100 Datasheet
506Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com