Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8R106K016RSA Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TM8R106K016RSA
Description  Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM8R106K016RSA Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TM8R106K016RSA Datasheet HTML 2Page - Vishay Siliconix TM8R106K016RSA Datasheet HTML 3Page - Vishay Siliconix TM8R106K016RSA Datasheet HTML 4Page - Vishay Siliconix TM8R106K016RSA Datasheet HTML 5Page - Vishay Siliconix TM8R106K016RSA Datasheet HTML 6Page - Vishay Siliconix TM8R106K016RSA Datasheet HTML 7Page - Vishay Siliconix TM8R106K016RSA Datasheet HTML 8Page - Vishay Siliconix TM8R106K016RSA Datasheet HTML 9Page - Vishay Siliconix TM8R106K016RSA Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Document Number: 40133
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 22-Jun-10
45
TM8
Solid Tantalum Chip Capacitors
MICROTANTM High Reliability, Low DCL,
Leadframeless Molded
Vishay Sprague
RECOMMENDED REFLOW PROFILES
TYPE
TP
lead (Pb)-free
TP
Sn/Pb
tP
TL
lead (Pb)-free
TL
Sn/Pb
TS MIN.
lead (Pb)-free
TS MIN.
Sn/Pb
TS MAX.
lead (Pb)-free
TS MAX.
Sn/Pb
tS
lead (Pb)-free
tS
Sn/Pb
tL
TM8
260 °C
225 °C 10
217 °C
183 °C
150 °C
100 °C
200 °C
150 °C
60 to 150
60 to 90 60
25 °C
All Case Codes
Preheat (t
s)
T
p °C
T
L °C
T
s MAX. °C
T
s MAX. °C
(t
p)
(t
L)
t, s
PAD DIMENSIONS in inches [millimeters]
CASE CODE
A
(MIN.)
B
(NOM.)
C
(NOM.)
D
(NOM.)
TM8
K
0.028 (0.70)
0.018 (0.45)
0.024 (0.60)
0.059 (1.50)
M
0.039 (1.00)
0.028 (0.70)
0.24 (0.60)
0.080 (2.00)
P
0.063 (1.60)
0.031 (0.80)
0.047 (1.20)
0.110 (2.80)
Q
0.065 (1.60)
0.050 (1.30)
0.040 (1.00)
0.142 (3.60)
D
0.115 (2.90)
0.070 (1.80)
0.070 (1.80)
0.213 (5.40)
E
0.115 (2.90)
0.070 (1.80)
0.120 (3.00)
0.260 (6.60)
F
0.150 (3.80)
0.070 (1.80)
0.140 (3.60)
0.283 (7.20)
L
0.059 (1.50)
0.031 (0.80)
0.039 (1.00)
0.102 (2.60)
N
0.118 (3.00)
0.067 (1.70)
0.051 (1.30)
0.185 (4.70)
R
0.059 (1.50)
0.031 (0.80)
0.039 (1.00)
0.102 (2.60)
T
0.118 (3.00)
0.067 (1.70)
0.051 (1.30)
0.185 (4.70)
W
0.059 (1.50)
0.031 (0.80)
0.039 (1.00)
0.102 (2.60)
A
B
C
D


Similar Part No. - TM8R106K016RSA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TM8R106K016RSA VISHAY-TM8R106K016RSA Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
More results

Similar Description - TM8R106K016RSA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Revision: 22-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com