Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1070.0429 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 1070.0429
Description  TOUCHSCREEN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1070.0429 Datasheet(HTML) 4 Page - Schurter Inc.

  1070.0429 Datasheet HTML 1Page - Schurter Inc. 1070.0429 Datasheet HTML 2Page - Schurter Inc. 1070.0429 Datasheet HTML 3Page - Schurter Inc. 1070.0429 Datasheet HTML 4Page - Schurter Inc. 1070.0429 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Changes that contribute to technical improvement are subject to alternations
2002
Datum
Name
Bearb.
24.10.
Maurer
TOUCHSCREEN
Gepr.
24.10.
Maurer
8,4“ 4 Wire
Vert.
EDV-Datasheet
SPECIFICATIONS OF ANALOG RESISTIVE
PET-ON-GLASS TOUCH SCREEN
don’t change manually
Manufactured bei Apex Material Technology Corp.
H 1070,0429
5. Environment Specification
5.1
Operating Temperature
- 10
° C ~ + 60° C
Humidity less than 90% RH
5.2
Storage Temperature
- 20
° C ~ + 80° C
at Ambient Humidity
6. Reliability Test
6.1
Exposure to high temperature
Touch panel is put into a test machine at the condition of 80 for 120 hours. Then it is left at the room temperature
for 24 hours or more. The measurement must satisfy the following:
- Circuit close resistance: as Sec. 3.3
- Circuit open resistance: as Sec. 3.4
- Contact bounce: as Sec. 3.5
- Linearity test: as Sec. 3.6
6.2
Exposure to low temperature
Touch panel is put into a test machine at the condition of -20 for 120 hours. Then it is left at the room temperature
for 24 hours or more. The measurement must satisfy the following:
- Circuit close resistance: as Sec. 3.3
- Circuit open resistance: as Sec. 3.4
- Contact bounce: as Sec. 3.5
- Linearity test: as Sec. 3.6
6.3
Exposure to constant temperature and humidity
Touch panel is put into a test machine at the condition of 60 , 90%RH for 120 hours. Then it is left at the room
temperature for 24 hours or more. The measurement must satisfy the following:
- Circuit close resistance: as Sec. 3.3
- Circuit open resistance: as Sec. 3.4
- Contact bounce: as Sec. 3.5
- Linearity test: as Sec. 3.6
6.4
Thermal Shock
Touch panel is put into a test machine at the condition of -20 for 30 minutes, and then 80 for 30 minutes. The
process is repeated by 10 cycles. Then it is left at the room temperature for 24 hours or more. The measurement
must satisfy the following:
- Circuit close resistance: as Sec. 3.3
- Circuit open resistance: as Sec. 3.4
- Contact bounce: as Sec. 3.5
- Linearity test: as Sec. 3.6
Zu Änd.
Datum
Name
D 79346 Endingen
Blatt 4 von 5
Index: -


Similar Part No. - 1070.0429

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1070.0420 SCHURTER-1070.0420 Datasheet
401Kb / 5P
   TOUCHSCREEN
1070.0421 SCHURTER-1070.0421 Datasheet
353Kb / 5P
   TOUCHSCREEN
1070.0422 SCHURTER-1070.0422 Datasheet
196Kb / 5P
   TOUCHSCREEN
1070.0423 SCHURTER-1070.0423 Datasheet
376Kb / 5P
   TOUCHSCREEN
1070.0425 SCHURTER-1070.0425 Datasheet
404Kb / 5P
   TOUCHSCREEN
More results

Similar Description - 1070.0429

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
10700435 SCHURTER-10700435 Datasheet
388Kb / 5P
   TOUCHSCREEN
10700426 SCHURTER-10700426 Datasheet
198Kb / 5P
   TOUCHSCREEN
10700430 SCHURTER-10700430 Datasheet
197Kb / 5P
   TOUCHSCREEN
10700445 SCHURTER-10700445 Datasheet
560Kb / 5P
   TOUCHSCREEN
10700450 SCHURTER-10700450 Datasheet
199Kb / 5P
   TOUCHSCREEN
10700482 SCHURTER-10700482 Datasheet
188Kb / 4P
   TOUCHSCREEN
10700416 SCHURTER-10700416 Datasheet
402Kb / 5P
   TOUCHSCREEN
10700419 SCHURTER-10700419 Datasheet
377Kb / 5P
   TOUCHSCREEN
10700465 SCHURTER-10700465 Datasheet
222Kb / 5P
   TOUCHSCREEN
10700459 SCHURTER-10700459 Datasheet
236Kb / 4P
   TOUCHSCREEN
10700472 SCHURTER-10700472 Datasheet
222Kb / 5P
   TOUCHSCREEN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com