Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1101E Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1101E
Description  11.3-Gbps Cable and PC Board Equalizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1101E Datasheet(HTML) 4 Page - Texas Instruments

  TLK1101E Datasheet HTML 1Page - Texas Instruments TLK1101E Datasheet HTML 2Page - Texas Instruments TLK1101E Datasheet HTML 3Page - Texas Instruments TLK1101E Datasheet HTML 4Page - Texas Instruments TLK1101E Datasheet HTML 5Page - Texas Instruments TLK1101E Datasheet HTML 6Page - Texas Instruments TLK1101E Datasheet HTML 7Page - Texas Instruments TLK1101E Datasheet HTML 8Page - Texas Instruments TLK1101E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
TLK1101E
SLLS845A – AUGUST 2007 – REVISED OCTOBER 2007
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VCC
Supply voltage(2)
–0.3 to 4.0
V
VDIN+, VDIN–
Voltage at DIN+, DIN– (2)
0.5 to 4.0
V
VDIS, VLOSL, VLOSR, VTH, VDE0, VDE1, VLN0,
Voltage at DIS, LOSL, LOSR, VTH, DE0, DE1, LN0, LN1,
–0.3 to 4.0
V
VLN1, VSWG, VSCL, VSDA
SWG, SCL, SDA (2)
VDIN,DIFF
Differential voltage between DIN+ and DIN–
±2.5
V
IDIN+, IDIN–, IDOUT+, IDOUT–
Continuous current at inputs and outputs
–25 to 25
mA
ESD
ESD Rating at all pins
2.5
kV (HBM)
TJ,max
Maximum junction temperature
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only. Functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.95
3.3
3.6
V
TA
Operating lead temperature
–40
100
°C
VIH
CMOS Input high voltage
2.0
V
VIL
CMOS Input low voltage
0.8
V
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.95
3.3
3.6
V
SWG = Open (CML output current included)
76
110
ICC
Supply current
mA
SWG = High (CML output current included)
83
120
LOS High voltage
ISOURCE = 50µA; 10kΩ Pull-up to VCC on LOS pin
2.4
V
LOS Low voltage
ISINK = 10mA; 10kΩ Pull-up to VCC on LOS pin
0.4
V
Typical operating condition is at VCC = 3.3V and TA = 25°C. Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low frequency –3dB bandwidth
With 0.1
µF input AC-coupling capacitors
30
50
kHz
BER < 10–12 , K28.5 Pattern at 11.3Gbps over a 15-m
24-AWG cable including two SMA connectors,
VIN,MIN
Data input sensitivity(1)
250
mVp-p
SWG = Open, No de-emphasis, Maximum interconnect
length setting. Voltage measured at the input of the cable
BER < 10–12 , K28.5 Pattern at 11.3Gbps, K28.5 pattern
at 11.3Gbps over a 15-m 24-AWG cable including two
VIN,MAX
Data input overload
1600
mVp-p
SMA connectors, SWG = Open, No de-emphasis,
Maximum interconnect length setting. Voltage measured
at the input of the cable
High frequency boost
f = 5.65GHz
20
24
dB
DIS = Low, SWG = Low, VIN = 400mVp-p,
225
300
450
No de-emphasis, No interconnect line
Differential data output voltage
DIS = Low, SWG = Open, VIN = 400mVp-p,
VOD
450
600
800
mVp-p
swing
No de-emphasis, No interconnect line
DIS = Low, SWG = High, VIN = 400mVp-p,
600
900
1200
No de-emphasis, No interconnect line
(1)
The given differential input signal swing is valid for the low-frequency components of the input signal. The high frequency components
may be attenuated by up to 24dB at 5.65GHz.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TLK1101E


Similar Part No. - TLK1101E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1101E TI-TLK1101E Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101ERGPR TI-TLK1101ERGPR Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101ERGPRG4 TI-TLK1101ERGPRG4 Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101ERGPT TI-TLK1101ERGPT Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101ERGPTG4 TI-TLK1101ERGPTG4 Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
More results

Similar Description - TLK1101E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1101E TI-TLK1101E Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK1102E TI-TLK1102E_10 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4211EA TI1-TLK4211EA Datasheet
1Mb / 17P
[Old version datasheet]   4.25 Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA Datasheet
905Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
logo
National Semiconductor ...
DS50EV401 NSC-DS50EV401 Datasheet
1Mb / 14P
   2.5 Gbps / 5.0 Gbps / 8.0 Gbps Quad PCI Express Cable and Backplane Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com