Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1101ERGPTG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLK1101ERGPTG4
Description  11.3-Gbps Cable and PC Board Equalizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1101ERGPTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK1101ERGPTG4 Datasheet HTML 6Page - Texas Instruments TLK1101ERGPTG4 Datasheet HTML 7Page - Texas Instruments TLK1101ERGPTG4 Datasheet HTML 8Page - Texas Instruments TLK1101ERGPTG4 Datasheet HTML 9Page - Texas Instruments TLK1101ERGPTG4 Datasheet HTML 10Page - Texas Instruments TLK1101ERGPTG4 Datasheet HTML 11Page - Texas Instruments TLK1101ERGPTG4 Datasheet HTML 12Page - Texas Instruments TLK1101ERGPTG4 Datasheet HTML 13Page - Texas Instruments TLK1101ERGPTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
TLK1101E
SLLS845A – AUGUST 2007 – REVISED OCTOBER 2007
Table 12. Register 8 (0x08) Mapping
register address 8 (0x08)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Table 13. Register 9 (0x09) Mapping
register address 9 (0x09)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Table 14. Register 10 (0x0A) Mapping
register address 10 (0x0A)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Table 15. Register 11 (0x0B) Mapping – LOS Level Setting
register address 11 (0x0B)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
LOSLVL_7
LOSLVL_6
LOSLVL_5
LOSLVL_4
LOSLVL_3
LOSLVL_2
LOSLVL_1
LOSLVL_0
Table 16. Register 12 (0x0C) Mapping
register address 12 (0x0C)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Table 17. Register 13 (0x0D) Mapping
register address 13 (0x0D)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Table 18. Register 14 (0x0E) Mapping – Selected Rate Setting (Read Only)
register address 14 (0x0E)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SEL_RATE3
SEL_RATE2
SEL_RATE1
SEL_RATE0
Table 19. Register 15 (0x0F) Mapping – Selected LOS Level (Read Only)
register address 15 (0x0F)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SEL_LOSL6
SEL_LOSL5
SEL_LOSL4
SEL_LOSL3
SEL_LOSL2
SEL_LOSL1
SEL_LOSL1
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TLK1101E


Similar Part No. - TLK1101ERGPTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1101ERGPTG4 TI-TLK1101ERGPTG4 Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
More results

Similar Description - TLK1101ERGPTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1101E TI-TLK1101E Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK1102E TI-TLK1102E_10 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4211EA TI1-TLK4211EA Datasheet
1Mb / 17P
[Old version datasheet]   4.25 Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA Datasheet
905Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
logo
National Semiconductor ...
DS50EV401 NSC-DS50EV401 Datasheet
1Mb / 14P
   2.5 Gbps / 5.0 Gbps / 8.0 Gbps Quad PCI Express Cable and Backplane Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com