Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78330DDCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78330DDCR
Description  500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78330DDCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS78330DDCR Datasheet HTML 7Page - Texas Instruments TPS78330DDCR Datasheet HTML 8Page - Texas Instruments TPS78330DDCR Datasheet HTML 9Page - Texas Instruments TPS78330DDCR Datasheet HTML 10Page - Texas Instruments TPS78330DDCR Datasheet HTML 11Page - Texas Instruments TPS78330DDCR Datasheet HTML 12Page - Texas Instruments TPS78330DDCR Datasheet HTML 13Page - Texas Instruments TPS78330DDCR Datasheet HTML 14Page - Texas Instruments TPS78330DDCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TPS78327
GND
EN
IN
OUT
V
IN
V
OUT
1 F
m
1 F
m
4.2Vto5.5V
2.7V
TPS783xx
www.ti.com
SBVS133 – FEBRUARY 2010
INTERNAL CURRENT LIMIT
TRANSIENT RESPONSE
The TPS783 is internally current-limited to protect the
As with any regulator, increasing the size of the
regulator during fault conditions. During current limit,
output capacitor reduces over/undershoot magnitude
the output sources a fixed amount of current that is
but increases duration of the transient response. For
largely independent of output voltage. For reliable
more information, see Figure 17.
operation, the device should not be operated in a
current limit state for extended periods of time.
MINIMUM LOAD
The TPS783 series are stable with no output load.
SHUTDOWN
Traditional PMOS LDO regulators suffer from lower
The enable pin (EN) is active high and is compatible
loop gain at very light output loads. The TPS783
with standard and low-voltage CMOS levels. When
employs an innovative, low-current circuit under very
shutdown capability is not required, EN should be
light or no-load conditions, resulting in improved
connected to the IN pin, as shown in Figure 22.
output voltage regulation performance down to zero
output current. See Figure 17 for the load transient
response.
THERMAL INFORMATION
THERMAL PROTECTION
Thermal protection disables the device output when
the junction temperature rises to approximately
+160°C, allowing the device to cool. Once the
junction temperature cools to approximately +140°C,
the output circuitry is enabled. Depending on power
dissipation,
thermal
resistance,
and
ambient
Figure 22. Circuit Showing EN Tied High when
temperature, the thermal protection circuit may cycle
Shutdown Capability is Not Required
on and off again. This cycling limits the dissipation of
the regulator, protecting it from damage as a result of
overheating.
DROPOUT VOLTAGE
Any tendency to activate the thermal protection circuit
The TPS783 series use a PMOS pass transistor to
indicates
excessive
power
dissipation
or
an
achieve low dropout. When (VIN – VOUT) is less than
inadequate heatsink. For reliable operation, junction
the dropout voltage (VDO), the PMOS pass device is
temperature should be limited to +105°C maximum.
the linear region of operation and the input-to-output
To estimate the margin of safety in a complete design
resistance is the RDS(ON) of the PMOS pass element.
(including
heatsink),
increase
the
ambient
VDO
approximately
scales
with
output
current
temperature until the thermal protection is triggered;
because the PMOS device behaves like a resistor in
use worst-case loads and signal conditions.
dropout. As with any linear regulator, PSRR and
The internal protection circuitry of the TPS783 series
transient response are degraded as (VIN – VOUT)
has been designed to protect against overload
approaches dropout. This effect is shown in the
conditions. However, it is not intended to replace
Typical Characteristics section. Refer to application
proper heatsinking. Continuously running the TPS783
report
SLVA207,
Understanding
LDO
Dropout,
series
into
thermal
shutdown
degrades
device
available for download from www.ti.com.
reliability.
Copyright © 2010, Texas Instruments Incorporated
11


Similar Part No. - TPS78330DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78330DDCR TI-TPS78330DDCR Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330DDCR TI1-TPS78330DDCR Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330DDCR TI-TPS78330DDCR Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
More results

Similar Description - TPS78330DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI1-TPS782XX_12 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com