Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM503 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FM503
Description  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM503 Datasheet(HTML) 1 Page - Rectron Semiconductor

  FM503 Datasheet HTML 1Page - Rectron Semiconductor FM503 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.24 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FM501
THRU
FM507
DO-214AB
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
SURFACE MOUNT
VOLTAGE RANGE 50 to 1000 Volts CURRENT 5.0 Amperes
GLASS PASSIVATED SILICON RECTIFIER
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Measured at 1.0 MHz and applied average voltage of 4.0VDC
2. Thermal resistance junction to terminal, 10.0X10.0mm2 copper pads to each terminal.
3. Thermal resistance junction to ambient, 10.0X10.0mm2 copper pads to each terminal.
Dimensions in inches and (millimeters)
1998-8
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current TA = 50
oC
Peak Forward Surge Current IFM(surge): 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Amps
5.0
150
35
-65 to + 175
0 C/ W
pF
0 C
UNITS
Volts
Volts
Typical Thermal Resistance
FM501
FM503
FM502
FM504
FM506
FM505
FM507
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
10
Volts
Amps
60
0 C/ W
(Note 2) R
θJL
(Note 3) R
θJA
CHARACTERISTICS
VF
SYMBOL
IR
1.1
150
uAmps
uAmps
Maximum Full Load Reverse Current,
Maximum Forward Voltage at 5.0A DC
Volts
UNITS
Maximum DC Average Reverse Current at
Rated DC Blocking Voltage
@TA = 25
oC
@TA = 125
oC
FM501
FM503
FM502
FM504
FM506
FM505
FM507
5.0
Full cycle Average at TA=75
oC
uAmps
30
0.006 (0.152)
0.012 (0.305)
0.008 (0.203)
0.004 (0.102)
0.320 (8.13)
0.305 (7.75)
0.030 (0.76)
0.060 (1.52)
0.079 (2.06)
0.103 (2.62)
0.260 (6.60)
0.280 (7.11)
0.220 (5.59)
0.245 (6.22)
0.125 (3.17)
0.115 (2.92)
MECHANICAL DATA
* Epoxy : Device has UL flammability classification 94V-0


Similar Part No. - FM503

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM503B RECTRON-FM503B Datasheet
313Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results

Similar Description - FM503

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4001B RECTRON-FM4001B Datasheet
29Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
FM501B RECTRON-FM501B Datasheet
313Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
S3A KOOCHIN-S3A Datasheet
403Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
FM301P RECTRON-FM301P Datasheet
128Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
FM4009 RECTRON-FM4009 Datasheet
202Kb / 8P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Nantong Hornby Electron...
GS1X HORNBY-GS1X Datasheet
386Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
S2X HORNBY-S2X Datasheet
342Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
S3X HORNBY-S3X Datasheet
344Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
General Semiconductor
S2A GE-S2A Datasheet
74Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
SM4004-W RECTRON-SM4004-W Datasheet
445Kb / 4P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com