Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A23157DGSRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A23157DGSRG4
Description  DUAL 10-廓 SPDT ANALOG SWITCH
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A23157DGSRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TS5A23157DGSRG4 Datasheet HTML 1Page - Texas Instruments TS5A23157DGSRG4 Datasheet HTML 2Page - Texas Instruments TS5A23157DGSRG4 Datasheet HTML 3Page - Texas Instruments TS5A23157DGSRG4 Datasheet HTML 4Page - Texas Instruments TS5A23157DGSRG4 Datasheet HTML 5Page - Texas Instruments TS5A23157DGSRG4 Datasheet HTML 6Page - Texas Instruments TS5A23157DGSRG4 Datasheet HTML 7Page - Texas Instruments TS5A23157DGSRG4 Datasheet HTML 8Page - Texas Instruments TS5A23157DGSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
FEATURES
IN2
1
2
3
4
5
10
9
8
7
6
IN1
NO1
GND
NO2
V+
NC1
COM1
NC2
COM2
APPLICATIONS
NC1
V+
NC2
COM2
IN1
NO1
GND
NO2
RSE PACKAGE
(TOP VIEW)
COM1
IN2
1
2
3
4
5
6
7
8
9
10
DESCRIPTION/ORDERING INFORMATION
TS5A23157
www.ti.com ................................................................................................................................................................ SCDS165D – MAY 2004 – REVISED MAY 2008
DUAL 10-
Ω SPDT ANALOG SWITCH
• Specified Break-Before-Make Switching
DGS PACKAGE
• Low ON-State Resistance (10 Ω)
(TOP VIEW)
• Control Inputs Are 5-V Tolerant
• Low Charge Injection
• Excellent ON-Resistance Matching
• Low Total Harmonic Distortion
• 1.8-V to 5.5-V Single-Supply Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
• Sample-and-Hold Circuits
• Battery-Powered Equipment
• Audio and Video Signal Routing
• Communication Circuits
The TS5A23157 is a dual single-pole double-throw (SPDT) analog switch designed to operate from 1.65 V to
5.5 V. This device can handle both digital and analog signals. Signals up to 5.5 V (peak) can be transmitted in
either direction.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
VSSOP (MSOP-10) – DGS
Tape and reel
TS5A23157DGSR
JBR
–40
°C to 85°C
QFN – RSE
Tape and reel
TS5A23157RSER
JB_
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
RSE: The actual top-side marking has one additional character that designates the assembly/test site.
FUNCTION TABLE
INPUT
NC TO COM,
NO TO COM,
IN
COM TO NC
COM TO NO
L
ON
OFF
H
OFF
ON
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS5A23157DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23157DGSR TI-TS5A23157DGSR Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
More results

Similar Description - TS5A23157DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com