Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8M106K016EZB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TM8M106K016EZB
Description  Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM8M106K016EZB Datasheet(HTML) 4 Page - Vishay Siliconix

  TM8M106K016EZB Datasheet HTML 1Page - Vishay Siliconix TM8M106K016EZB Datasheet HTML 2Page - Vishay Siliconix TM8M106K016EZB Datasheet HTML 3Page - Vishay Siliconix TM8M106K016EZB Datasheet HTML 4Page - Vishay Siliconix TM8M106K016EZB Datasheet HTML 5Page - Vishay Siliconix TM8M106K016EZB Datasheet HTML 6Page - Vishay Siliconix TM8M106K016EZB Datasheet HTML 7Page - Vishay Siliconix TM8M106K016EZB Datasheet HTML 8Page - Vishay Siliconix TM8M106K016EZB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Document Number: 40133
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 22-Jun-10
41
TM8
Solid Tantalum Chip Capacitors
MICROTANTM High Reliability, Low DCL,
Leadframeless Molded
Vishay Sprague
CAPACITORS PERFORMANCE CHARACTERISTICS
Notes
• At + 25 °C, the leakage current shall not exceed the value listed in the Standard Ratings table
• At + 85 °C, the leakage current shall not exceed 10 times the value listed in the Standard Ratings table
• At + 125 °C, the leakage current shall not exceed 12 times the value listed in the Standard Ratings table
ELECTRICAL PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Category Temperature Range
- 55 °C to + 85 °C (to + 125 °C with voltage derating)
Capacitance Tolerance
± 20 %, ± 10 % (at 120 Hz) 1 Vrms at + 25 °C using a capacitance bridge
Dissipation Factor (at 120 Hz)
Limits per Standard Ratings table. Tested via bridge method, at 25 °C, 120 Hz.
ESR (100 kHz)
Limits per Standard Ratings table. Tested via bridge method, at 25 °C, 100 kHz.
Leakage Current
After application of rated voltage applied to capacitors for 5 minutes using a steady source of power with
1 k
Ω resistor in series with the capacitor under test, leakage current at 25 °C is not more than described
in Standard Ratings Table. Note that the leakage current varies with temperature and applied voltage. See
graph below for the appropriate adjustment factor.
Reverse Voltage
Capacitors are capable of withstanding peak voltages in the reverse direction equal to: 10 % of the DC
rating at + 25 °C or 5 % of the DC rating at + 85 °C.
Vishay does not recommended intentional or repetitive application of reverse voltage.
Temperature Derating
If capacitors are to be used at temperatures above + 25 °C, the permissible rms ripple current or voltage
shall be calculated using the derating factors:
1.0 at + 25 °C
0.9 at + 85 °C
0.4 at + 125 °C
Operating Temperature
+ 85 °C RATING
+ 125 °C RATING
WORKING VOLTAGE (V)
WORKING VOLTAGE (V)
21.3
42.7
6.3
4
10
7
15
10
16
10
20
13
25
17
40
27
TYPICAL LEAKAGE CURRENT FACTOR RANGE
100
10
1.0
0.1
0.01
0.001
010
40
70
8090
60
50
20
30
100
+ 125 °C
+ 85 °C
+ 55 °C
+ 25 °C
0 °C
- 55 °C
PERCENT OF RATED VOLTAGE


Similar Part No. - TM8M106K016EZB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TM8 MICROSEMI-TM8 Datasheet
193Kb / 4P
   SENSISTORS
logo
Vishay Siliconix
TM8 VISHAY-TM8 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
SYNERGY MICROWAVE CORPO...
TM8-GT SYNERGY-TM8-GT Datasheet
256Kb / 2P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 1000 MHz
logo
Systemsensor advanced i...
TM80 SYSTEMSENSOR-TM80 Datasheet
481Kb / 2P
   SMOKE DETECTORS
logo
Thinki Semiconductor Co...
TM802FCH THINKISEMI-TM802FCH Datasheet
385Kb / 2P
   16.0 Ampere Insulated Dual Tandem Polarity Super Fast Recovery Rectifiers
More results

Similar Description - TM8M106K016EZB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Revision: 22-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com