Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A61-A230XF Datasheet(PDF) 1 Page - EPCOS

Part # A61-A230XF
Description  2-Electrode-Arrester
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

A61-A230XF Datasheet(HTML) 1 Page - EPCOS

  A61-A230XF_1 Datasheet HTML 1Page - EPCOS A61-A230XF_1 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surge Arrester
A61-A230XF
2-Electrode-Arrester
Ordering code: B88069X2540C102
AB E / AB PM
Issue 01, 05.05.2003
Page 1 of 2
DC spark-over voltage 1) 2)
230
± 20
V
%
Impulse spark-over voltage
at 100 V/µs
- for 99 % of measured values
- typical values of distribution
at 1 kV/µs
- for 99 % of measured values
- typical values of distribution
< 500
< 450
< 800
< 700
V
V
V
V
Nominal impulse discharge current (wave 8/20 µs)
Single impulse discharge current
(wave 8/20 µs)
10
12
kA
kA
Nominal alternating discharge current (50 Hz, 1 s)
Alternating discharge current (50 Hz, 9 cycles)
10
> 40
A
A
Insulation resistance at 100 Vdc
> 10
G
Capacitance at 1 MHz
< 1.5
pF
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
< 20
< 0.5
~ 60
V
A
V
Weight
~ 1.5
g
Storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, red
230 YY O
230
- Nominal voltage
YY
- Year of production
O
- Non radioactive
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
Terms in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845


Similar Part No. - A61-A230XF_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
A61-A230XF EPCOS-A61-A230XF Datasheet
18Kb / 2P
   2-Electrode-Arrester
More results

Similar Description - A61-A230XF_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
EF470X EPCOS-EF470X Datasheet
55Kb / 4P
   2-electrode arrester
V12-A600X EPCOS-V12-A600X Datasheet
86Kb / 2P
   2-Electrode-Arrester
A71-H14XF EPCOS-A71-H14XF Datasheet
89Kb / 2P
   2-Electrode-Arrester
A80-C350X EPCOS-A80-C350X Datasheet
15Kb / 2P
   2-Electrode-Arrester
A81-A350XG EPCOS-A81-A350XG Datasheet
82Kb / 2P
   2-Electrode-Arrester
A83-A600X EPCOS-A83-A600X Datasheet
80Kb / 2P
   2-Electrode-Arrester
A81-A250XSMD EPCOS-A81-A250XSMD Datasheet
91Kb / 2P
   2-Electrode-Arrester
A81-A500X EPCOS-A81-A500X Datasheet
17Kb / 2P
   2-Electrode-Arrester
B88069X5080S102 EPCOS-B88069X5080S102 Datasheet
55Kb / 4P
   2-electrode arrester
A81-A230X EPCOS-A81-A230X_1 Datasheet
83Kb / 2P
   2-Electrode-Arrester
A81-A600X EPCOS-A81-A600X_1 Datasheet
60Kb / 4P
   2-electrode arrester
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com