Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASB1200E Datasheet(PDF) 4 Page - EPCOS

Part # ASB1200E
Description  Barometric pressure transducer for SMT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASB1200E Datasheet(HTML) 4 Page - EPCOS

  ASB1200E Datasheet HTML 1Page - EPCOS ASB1200E Datasheet HTML 2Page - EPCOS ASB1200E Datasheet HTML 3Page - EPCOS ASB1200E Datasheet HTML 4Page - EPCOS ASB1200E Datasheet HTML 5Page - EPCOS ASB1200E Datasheet HTML 6Page - EPCOS ASB1200E Datasheet HTML 7Page - EPCOS ASB1200E Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Pressure sensors
Barometric pressure transducer for SMT
ASB 1200 E
Preliminary data
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 4 of 8
Important notes at the end of this document.
Operating pressures and ordering codes
Parameter @ 25 °C, VDD = 5 V
Symbol
Typ.
Units
Operating pressure
4)
pr
1.2
bar
TCV0
-8
µV/VK
Temperature coefficient
of offset voltage
11)
[typ]
TCV0
+
-6
µV/VK
Nonlinearity
14) [typ]
L
±0.3
% FS
Sensitivity
13)
[typ]
S
100
mV/bar
Product type
Ordering code


Similar Part No. - ASB1200E

ManufacturerPart #DatasheetDescription
logo
EPCOS
ASB1200V1 EPCOS-ASB1200V1 Datasheet
502Kb / 2P
   Pressure Sensors for Barometric Measurements in Consumer Applications
ASB1200VR EPCOS-ASB1200VR Datasheet
502Kb / 2P
   Pressure Sensors for Barometric Measurements in Consumer Applications
More results

Similar Description - ASB1200E

ManufacturerPart #DatasheetDescription
logo
EPCOS
B58610A0000A001 EPCOS-B58610A0000A001 Datasheet
219Kb / 8P
   Pressure sensors Barometric pressure transducer for SMT
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
B58620A0010A001 EPCOS-B58620A0010A001 Datasheet
169Kb / 7P
   Pressure sensors Barometric pressure transmitters for SMT (voltage output)
logo
Fujikura Ltd.
FPBS-04A FUJIKURA-FPBS-04A Datasheet
268Kb / 4P
   Barometric pressure measurable
logo
HOKURIKU ELECTRIC INDUS...
HPD-100A-C05 HOKURIKU-HPD-100A-C05 Datasheet
199Kb / 1P
   Barometric Pressure Sensor
HPM-013 HOKURIKU-HPM-013 Datasheet
113Kb / 1P
   Barometric Pressure Sensor Module
logo
Omron Electronics LLC
2SMPB-02E OMRON-2SMPB-02E Datasheet
1Mb / 24P
   Digital Barometric Pressure Sensor
Copyright 2017
logo
Bosch Sensortec GmbH
BMP380 BOSCH-BMP380 Datasheet
221Kb / 2P
   Digital, barometric pressure sensor
logo
Infineon Technologies A...
DPS310 INFINEON-DPS310 Datasheet
762Kb / 41P
   Digital Barometric Pressure Sensor for Portable Devices
V1.0 2016-09-05
logo
Sensortechnics GmbH
HCA0611ARG8 SENSORTECHNICS-HCA0611ARG8 Datasheet
85Kb / 6P
   Miniature amplified barometric pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com