Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62P49 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS62P49
Description  Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P49 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS62P49_1 Datasheet HTML 4Page - Texas Instruments ADS62P49_1 Datasheet HTML 5Page - Texas Instruments ADS62P49_1 Datasheet HTML 6Page - Texas Instruments ADS62P49_1 Datasheet HTML 7Page - Texas Instruments ADS62P49_1 Datasheet HTML 8Page - Texas Instruments ADS62P49_1 Datasheet HTML 9Page - Texas Instruments ADS62P49_1 Datasheet HTML 10Page - Texas Instruments ADS62P49_1 Datasheet HTML 11Page - Texas Instruments ADS62P49_1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
ELECTRICAL CHARACTERISTICS – ADS62P49/48
ADS62P49 / ADS62P29
ADS62P48 / ADS62P28
SLAS635A – APRIL 2009 – REVISED JUNE 2009............................................................................................................................................................. www.ti.com
Typical values are at 25°C, AVDD = 3.3V, DRVDD = 1.8V, 50% clock duty cycle, –1dBFS differential analog input, 0 dB gain,
internal reference mode (unless otherwise noted).
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3V, DRVDD = 1.8V
ADS62P49/ADS62P29
ADS62P48/ADS62P28
250 MSPS
210 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Fin= 20 MHz
89
85
Fin = 60 MHz
85
85
SFDR
Fin = 100 MHz
78
80
dBc
Spurious Free Dynamic Range
Fin = 170 MHz
71
75
71
77
Fin = 230 MHz
77
72
Fin= 20 MHz
98
98
Fin = 60 MHz
95
95
SFDR
Spurious Free Dynamic Range,
Fin = 100 MHz
92
92
dBc
excluding HD2,HD3
Fin = 170 MHz
77
90
78
91
Fin = 230 MHz
90
90
Fin= 20 MHz
93
95
Fin = 60 MHz
90
94
HD2
Fin = 100 MHz
90
90
dBc
Second Harmonic Distortion
Fin = 170 MHz
71
85
71
88
Fin = 230 MHz
85
80
Fin= 20 MHz
89
85
Fin = 60 MHz
85
85
HD3
Fin = 100 MHz
78
80
dBc
Third Harmonic Distortion
Fin = 170 MHz
71
75
71
77
Fin = 230 MHz
77
72
Fin= 20 MHz
87
83.5
Fin = 60 MHz
83.5
84.6
THD
Fin = 100 MHz
77.5
79.7
dBc
Total harmonic distortion
Fin = 170 MHz
70
74
70.5
76.5
Fin = 230 MHz
75
71
F1 = 46 MHz, F2 = 50 MHz,
87
91
each tone at –7 dBFS
IMD
dBFS
F1 = 185 MHz, F2 = 190
2-Tone Inter-modulation Distortion
MHz,
85
84.5
each tone at –7 dBFS
Up to 200-MHz cross-talk
Cross-talk
90
90
dB
frequency
Recovery to within 1% (of final
Clock
Input overload recovery
value) for 6-dB overload with
1
1
Cycles
sine wave input
PSRR
For 100-mV pp signal on
25
25
dB
AC Power supply rejection ratio
AVDD supply
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS62P49 / ADS62P29 ADS62P48 / ADS62P28


Similar Part No. - ADS62P49_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P49IRGCR TI-ADS62P49IRGCR Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49IRGCT TI-ADS62P49IRGCT Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results

Similar Description - ADS62P49_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com