Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12022MIBZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL12022MIBZ-T
Description  Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022MIBZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL12022MIBZ-T Datasheet HTML 1Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 2Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 3Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 4Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 5Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 6Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 7Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 8Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
FN6668.7
June 4, 2010
Block Diagram
Pin Configuration
ISL12022M
(20 LD SOIC)
TOP VIEW
I2C
INTERFACE
CONTROL
LOGIC
ALARM
FREQUENCY
OUT
RTC
DIVIDER
SDA
BUFFER
CRYSTAL
OSCILLATOR
POR
SWITCH
SCL
BUFFER
SDA
SCL
VDD
VBAT
INTERNAL
SUPPLY
VTRIP
SECONDS
MINUTES
HOURS
DAY OF WEEK
DATE
MONTH
YEAR
USER
SRAM
CONTROL
REGISTERS
GND
REGISTERS
TEMPERATURE
SENSOR
FREQUENCY
CONTROL
IRQ/FOUT
+
-
NC
NC
NC
GND
NC
NC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
NC
GND
VDD
NC
NC
GND
VBAT
NC
NC
NC
IRQ/FOUT
SCL
SDA
Pin Descriptions
PIN
NUMBER
SYMBOL
DESCRIPTION
1, 2, 3, 4, 5,
9, 10, 16,
17, 18, 19,
20
NC
No Connection. Do not connect to a signal or supply voltage.
7VBAT
Backup Supply. This input provides a backup supply voltage to the device. VBAT supplies power to
the device in the event that the VDD supply fails. This pin can be connected to a battery, a
supercapacitor or tied to ground if not used. See the Battery Monitor parameter in the “DC Operating
Characteristics-RTC” table on page 4. This pin should be tied to ground if not used.
11
SDA
Serial Data. SDA is a bi-directional pin used to transfer data into and out of the device. It has an
open drain output and may be OR’ed with other open drain or open collector outputs. The input buffer
is always active (not gated) in normal mode.
An open drain output requires the use of a pull-up resistor. The output circuitry controls the fall time
of the output signal with the use of a slope controlled pull-down. The circuit is designed for 400kHz
I2C interface speeds. It is disabled when the backup power supply on the VBAT pin is activated.
ISL12022M


Similar Part No. - ISL12022MIBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12022MIBZ-T RENESAS-ISL12022MIBZ-T Datasheet
1Mb / 33P
   Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
Oct 24, 2019
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MIBZ-TR5421 INTERSIL-ISL12022MIBZ-TR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
logo
Renesas Technology Corp
ISL12022MIBZ-TR5421 RENESAS-ISL12022MIBZ-TR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Similar Description - ISL12022MIBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com