Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB258W-BP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MB258W-BP
Description  25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB258W-BP Datasheet(HTML) 1 Page - Micro Commercial Components

  MB258W-BP Datasheet HTML 1Page - Micro Commercial Components MB258W-BP Datasheet HTML 2Page - Micro Commercial Components MB258W-BP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB2505W
THRU
MB2510W
25 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
Features
Mounting Hole For #8 Screw
High Conductivity Metal Case
Any Mounting Position
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MB2505W MB2505W
50V
35V
50V
MB251W
MB251W
100V
70V
100V
MB252W
MB252W
200V
140V
200V
MB254W
MB254W
400V
280V
400V
MB256W
MB256W
600V
420V
600V
MB258W
MB258W
800V
560V
800V
MB2510W MB2510W
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
25.0A
TC =
55°C
Peak Forward Surge
Current
IFSM
300A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.2V
IFM = 12.5A per
element;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10µA
1mA
TJ = 25
°C
TJ = 125
°C
MB-35W
B
C
E
D
AC
+
-
A
AC
G
A
H
D
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.115
1.135
28.33
28.83
B
.427
.447
10.85
11.35
C
.774
.-----
19.65
------
D
.673
.752
17.10
19.10
E
.038
.042
0.96
1.07
4PL/TYP
G
.193
---
4.90
---
H
.429
.469
10.90
11.90
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 6
2008/01/30
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Maximum Ratings
Case to Terminal Isolation Voltage 2500V
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
UL Recognized File # E165989


Similar Part No. - MB258W-BP

ManufacturerPart #DatasheetDescription
logo
Bytes
MB258W BYTES-MB258W Datasheet
150Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB258W DCCOM-MB258W Datasheet
426Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB258W FORMOSA-MB258W Datasheet
34Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
MB258W TAITRON-MB258W Datasheet
143Kb / 4P
   25A Single-Phase Bridge Rectifier
logo
UNIOHM CORPORATION
MB258W UNIOHM-MB258W Datasheet
65Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
More results

Similar Description - MB258W-BP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBPC2500S MCC-KBPC2500S Datasheet
87Kb / 2P
   25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB2505W MCC-MB2505W_13 Datasheet
281Kb / 3P
   25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP2505 MCC-MP2505 Datasheet
39Kb / 2P
   25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP2505W MCC-MP2505W Datasheet
169Kb / 3P
   25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB2505 MCC-MB2505 Datasheet
83Kb / 2P
   25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP2505 MCC-MP2505_13 Datasheet
158Kb / 3P
   25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB2505 MCC-MB2505_16 Datasheet
305Kb / 3P
   25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com