Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV164APWG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV164APWG4
Description  8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV164APWG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV164APWG4 Datasheet HTML 2Page - Texas Instruments SN74LV164APWG4 Datasheet HTML 3Page - Texas Instruments SN74LV164APWG4 Datasheet HTML 4Page - Texas Instruments SN74LV164APWG4 Datasheet HTML 5Page - Texas Instruments SN74LV164APWG4 Datasheet HTML 6Page - Texas Instruments SN74LV164APWG4 Datasheet HTML 7Page - Texas Instruments SN74LV164APWG4 Datasheet HTML 8Page - Texas Instruments SN74LV164APWG4 Datasheet HTML 9Page - Texas Instruments SN74LV164APWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN54LV164A, SN74LV164A
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SCLS403H − APRIL 1998 − REVISED APRIL 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV164A
SN74LV164A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
t
Pulse duration
CLR low
6
6.5
6.5
ns
tw
Pulse duration
CLK high or low
6.5
7.5
7.5
ns
t
Setup time
Data before CLK
6.5
8.5
8.5
ns
tsu
Setup time
CLR inactive
3
3
3
ns
th
Hold time
Data after CLK
−0.5
0
0
ns
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV164A
SN74LV164A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
t
Pulse duration
CLR low
5
5
5
ns
tw
Pulse duration
CLK high or low
5
5
5
ns
t
Setup time
Data before CLK
5
6
6
ns
tsu
Setup time
CLR inactive
2.5
2.5
2.5
ns
th
Hold time
Data after CLK
0
0
0
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV164A
SN74LV164A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
t
Pulse duration
CLR low
5
5
5
ns
tw
Pulse duration
CLK high or low
5
5
5
ns
t
Setup time
Data before CLK
4.5
4.5
4.5
ns
tsu
Setup time
CLR inactive
2.5
2.5
2.5
ns
th
Hold time
Data after CLK
1
1
1
ns
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV164A
SN74LV164A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF
55*
105*
50*
50
MHz
fmax
CL = 50 pF
45
85
40
40
MHz
tpd
CLK
Q
CL =15pF
9.2*
17.6*
1*
20*
1
20
ns
tPHL
CLR
Q
CL = 15 pF
8.6*
16*
1*
18*
1
18
ns
tpd
CLK
Q
CL =50pF
11.5
21.1
1
24
1
24
ns
tPHL
CLR
Q
CL = 50 pF
10.8
19.5
1
22
1
22
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV164APWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV164APWG4 TI-SN74LV164APWG4 Datasheet
464Kb / 17P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164APWG4 TI-SN74LV164APWG4 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164APWG4 TI-SN74LV164APWG4 Datasheet
701Kb / 21P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164APWG4 TI1-SN74LV164APWG4 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164APWG4 TI-SN74LV164APWG4 Datasheet
1Mb / 36P
[Old version datasheet]   SN74LV164A 8-Bit Parallel-Out Serial Shift Registers
DECEMBER 2022
More results

Similar Description - SN74LV164APWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI1-SN54HC164_16 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com