Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23754PWP-1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23754PWP-1
Description  High Power/High Efficiency PoE Interface and DC/DC Controller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23754PWP-1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS23754PWP-1 Datasheet HTML 1Page - Texas Instruments TPS23754PWP-1 Datasheet HTML 2Page - Texas Instruments TPS23754PWP-1 Datasheet HTML 3Page - Texas Instruments TPS23754PWP-1 Datasheet HTML 4Page - Texas Instruments TPS23754PWP-1 Datasheet HTML 5Page - Texas Instruments TPS23754PWP-1 Datasheet HTML 6Page - Texas Instruments TPS23754PWP-1 Datasheet HTML 7Page - Texas Instruments TPS23754PWP-1 Datasheet HTML 8Page - Texas Instruments TPS23754PWP-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
TPS23754
TPS23754-1
TPS23756
www.ti.com
SLVS885D – OCTOBER 2008 – REVISED DECEMBER 2009
ELECTRICAL CHARACTERISTICS – PoE AND CONTROL
[VDD=VDD1] or [VDD1=RTN], VC = RTN, COM=RTN=ARTN, all voltages referred to VSS unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
DETECTION (DEN)
(VDD = VDD1 = RTN = VSUPPLY positive)
Measure ISUPPLY
Detection current
VDD = 1.6 V
62
64.3
66.5
μA
VDD = 10 V
399
406
414
VDD = 10 V, float DEN, measure ISUPPLY,
Detection bias current
5.6
10
μA
Note: Not during Mark state
VPD_DIS
Hotswap disable threshold
3
4
5
V
DEN leakage current
VDEN = VDD = 57 V, float VDD1 and RTN, measure IDEN
0.1
5
μA
CLASSIFICATION (CLS)
(VDD = VDD1 = RTN = VSUPPLY positive)
13 V
≤ VDD ≤ 21 V, Measure ISUPPLY
RCLS = 1270 Ω
1.8
2.1
2.4
RCLS = 243 Ω
9.9
10.4
10.9
Classification current,
ICLS
mA
applies to both cycles
RCLS = 137 Ω
17.6
18.5
19.4
RCLS = 90.9 Ω
26.5
27.7
29.3
RCLS = 63.4 Ω
38.0
39.7
42
Classification mark resistance
5.6 V
≤ VDD ≤ 9.4 V
7.5
9.7
12
k
VCL_ON
Regulator turns on, VDD rising
11.2
11.9
12.6
Classification regulator lower
V
threshold
VCL_H
Hysteresis(1)
1.55
1.65
1.75
VCU_OFF
Regulator turns off, VDD rising
21
22
23
Classification regulator upper
V
threshold
VCU_H
Hysteresis(1)
0.5
0.75
1.0
VMSR
Mark state reset
VDD falling
3
4
5
V
Leakage current
VDD = 57 V, VCLS = 0 V, DEN = VSS, measure ICLS
1
μA
PASS DEVICE (RTN)
(VDD1 = RTN)
On resistance
0.25
0.43
0.75
Current limit
VRTN = 1.5 V, VDD = 48 V, pulsed measurement
850
970 1100
mA
Inrush limit
VRTN = 2 V, VDD: 0 V → 48 V, pulsed measurement
100
140
180
mA
Foldback voltage threshold
VDD rising
11
12.3
13.6
V
UVLO
VUVLO_R
VDD rising
33.9
35
36.1
UVLO threshold
V
VUVLO_H
Hysteresis(1)
4.4
4.55
4.76
T2P
Perform classification algorithm, VT2P-RTN = 1 V,
ON characteristic
2
mA
CTL = ARTN
Leakage current
VT2P = 18 V, CTL = VB
10
μA
tT2P
Delay
From start of switching to T2P active
5
9
15
ms
THERMAL SHUTDOWN
Turnoff temperature
TJ rising
135
145
155
°C
Hysteresis(2)
20
°C
(1)
The hysteresis tolerance tracks the rising threshold for a given device.
(2)
These parameters are provided for reference only, and do not constitute part of TI's published specifications for purposes of TI's product
warranty.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS23754PWP-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23754PWP-1 TI-TPS23754PWP-1 Datasheet
1Mb / 41P
[Old version datasheet]   High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23754PWP-1 TI1-TPS23754PWP-1 Datasheet
2Mb / 45P
[Old version datasheet]   High-Power/High-Efficiency PoE Interface and DC-DC Controller
More results

Similar Description - TPS23754PWP-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23754 TI1-TPS23754_17 Datasheet
2Mb / 45P
[Old version datasheet]   High-Power/High-Efficiency PoE Interface and DC-DC Controller
TPS23754 TI-TPS23754 Datasheet
1Mb / 41P
[Old version datasheet]   High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23757 TI-TPS23757 Datasheet
1Mb / 37P
[Old version datasheet]   High Efficiency PoE Interface and DC/DC Controller
TPS23785B TI-TPS23785B Datasheet
1Mb / 47P
[Old version datasheet]   High-Power, High-Efficiency PoE PD and DC-to-DC Controller
TPS23751 TI1-TPS23751_14 Datasheet
1Mb / 47P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC-DC Controller
TPS23751 TI1-TPS23751 Datasheet
336Kb / 7P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
logo
ON Semiconductor
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
logo
Silicon Standard Corp.
SS6650 SSC-SS6650 Datasheet
496Kb / 6P
   High-Efficiency, Inverting DC/DC Controller
logo
Lowpower Semiconductor ...
LP6240 POWER-LP6240 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com