Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62000SHKK Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62000SHKK
Description  HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62000SHKK Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62000SHKK Datasheet HTML 5Page - Texas Instruments TPS62000SHKK Datasheet HTML 6Page - Texas Instruments TPS62000SHKK Datasheet HTML 7Page - Texas Instruments TPS62000SHKK Datasheet HTML 8Page - Texas Instruments TPS62000SHKK Datasheet HTML 9Page - Texas Instruments TPS62000SHKK Datasheet HTML 10Page - Texas Instruments TPS62000SHKK Datasheet HTML 11Page - Texas Instruments TPS62000SHKK Datasheet HTML 12Page - Texas Instruments TPS62000SHKK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ELECTRICAL CHARACTERISTICS
TPS62000-HT
www.ti.com .......................................................................................................................................................... SLVS917A – MARCH 2009 – REVISED JUNE 2009
over recommended operating free-air temperature range (unless oherwise noted), VI = 3.6 V, VO = 2.5 V,
IO = 300 mA (TA = –55°C to 125°C), IO = 50 mA (TA = 210°C), EN = VIN
TA = –55°C to 125°C
TA = 210°C
(1)
TEST
PARAMETER
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
SUPPLY CURRENT
IO = 0 mA to 300 mA
2.5
5.5
2.5
5.5
VI
Input voltage range
V
IO = 0 mA to 200 mA
2
5.5
2
5.5
Operating quiescent
IO = 0 mA, SYNC = GND
I(Q)
50
75
1400
4000
µA
current
(PFM-mode enabled)
I(SD)
Shutdown current
EN = GND
0.1
1
90
200
µA
ENABLE
VIH
EN high-level input voltage
1.5
1.5
V
VIL
EN low level input voltage
0.4
0.4
V
Ilkg
EN input leakage current
EN = GND or VIN
0.1
1.1
0.1
1.1
µA
V(UVLO)
Undervoltage lockout
1.2
1.6
2
1.2
1.6
2
V
threshold
POWER SWITCH AND CURRENT LIMIT
VI = VGS = 3.6 V, I = 200 mA
580
670(2)
P-channel MOSFET
m
on-resistance
VI = VGS = 2 V, I = 200 mA
790
850(2)
rDS(on)
VI = VGS = 3.6 V, IO = 200 mA
580
670(2)
N-channel MOSFET
m
on-resistance
VI = VGS = 2 V, IO = 200 mA
790
800(2)
OSCILLATOR
fs
Oscillator frequency
500
750
1000
200
320
600
kHz
CMOS-logic clock signal
f(SYNC)
Synchronization range
500
1000
500
1000
kHz
on SYNC pin
SYNC high level input
VIH
1.3
1.3
V
voltage
SYNC low level input
VIL
0.4
0.4
V
voltage
SYNC input leakage
Ilkg
SYNC = GND or VIN
0.1
1.1
0.1
1.1
µA
current
Duty cycle of external clock
20%
60%
20%
60%
signal
(1)
Minimum and maximum parameters are characterized for operation at TA = 210°C but may not be production tested at that temperature.
Production test limits with statistical guardbands are used to ensure high temperature performance.
(2)
Measured at 50 mA.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS62000-HT


Similar Part No. - TPS62000SHKK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000 TI-TPS62000 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000 TI1-TPS62000 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results

Similar Description - TPS62000SHKK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000 TI1-TPS62000_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com