Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM4739W Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FM4739W
Description  SURFACE MOUNT ZENER SILICON RECTIFIER (VOLTAGE RANGE - 6.2 TO 91.0 Volts Steady State Power- 1.0 Watt)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM4739W Datasheet(HTML) 2 Page - Rectron Semiconductor

  FM4739W Datasheet HTML 1Page - Rectron Semiconductor FM4739W Datasheet HTML 2Page - Rectron Semiconductor FM4739W Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FM4740W
FM4741W
FM4742W
FM4743W
FM4744W
FM4745W
FM4746W
FM4747W
FM4748W
FM4749W
FM4750W
FM4751W
FM4752W
FM4753W
FM4754W
FM4755W
FM4756W
FM4757W
FM4758W
FM4759W
FM4760W
FM4761W
FM4762W
FM4763W
FM4739W
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
28.0
25.0
23.0
21.0
19.0
17.0
15.5
14.0
12.5
11.5
10.5
9.5
8.5
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.7
3.3
3.0
2.0
250.0
200.0
175.0
150.0
125.0
110.0
95.0
80.0
70.0
60.0
50.0
45.0
40.0
35.0
25.0
23.0
22.0
20.0
16.0
14.0
10.0
9.0
8.0
7.0
5.0
700
700
700
700
700
700
700
750
750
750
750
750
1000
1000
1000
1000
1500
1500
1500
2000
2000
2000
2000
3000
3000
0.5
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
10.0
10.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.0
7.6
8.4
9.1
9.9
11.4
12.2
13.7
15.2
16.7
18.2
20.6
22.8
25.1
27.4
29.7
32.7
35.8
38.8
42.6
47.1
51.7
56.0
62.2
69.2
500.0
454.0
414.0
380.0
344.0
305.0
285.0
250.0
225.0
205.0
190.0
170.0
150.0
135.0
125.0
115.0
110.0
95.0
90.0
80.0
70.0
65.0
60.0
55.0
50.0
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
TYPE
NOMINAL
ZENER
VOLTA GE
at IZT
V Z
(NOTE 1)
(Volts)
TEST
CURRENT
I ZT
(mA)
MAXIMUM DYNAMIC
IMPEDANCE
ZZT at
I ZT
(Ohms)
ZZK at
(Ohms)
(NOTE 1)
I ZK
(mA)
MAXIMUM DC REVERSE
LEAKAGE CURRENT
I R
(uA)
V R
(Volts)
MAXIMUM
SURGE
CURRENT
(NOTE 2)
I RM
(mApk)
MAXIMUM
FORWA R D
VOLTA GE
at 200mA
V F
(Volts)
2001-6
1.2
NOTES :
2. Surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC Method
1. Standard voltage tolerance is 10%, Suffix “A” : + 5%
3. Maximum steady state power dissipation is 1.0 watt at TT=75
oC
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0


Similar Part No. - FM4739W

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
FM4739W SUNMATE-FM4739W Datasheet
313Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - FM4739W

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N3821A MCC-1N3821A Datasheet
108Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3821A MCC-1N3821A_12 Datasheet
248Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3821A MCC-1N3821A_11 Datasheet
238Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
logo
Dc Components
SMA5920 DCCOM-SMA5920 Datasheet
51Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES VOLTAGE RANGE - 6.2 to 200 Volts
logo
Rectron Semiconductor
TFMBG150A RECTRON-TFMBG150A Datasheet
410Kb / 3P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
logo
Leshan Radio Company
CSZAXXXA LRC-CSZAXXXA Datasheet
436Kb / 5P
   Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.A Oct. 2022 1
S-CSZAXXXA LRC-S-CSZAXXXA Datasheet
367Kb / 5P
   Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.B Oct. 2022
logo
Dc Components
MMSZ4735A DCCOM-MMSZ4735A Datasheet
63Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES VOLTAGE RANGE - 6.2 to 200 Volts
SMA1EZ6.2 DCCOM-SMA1EZ6.2 Datasheet
49Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES VOLTAGE RANGE - 6.2 to 300 Volts
logo
Leshan Radio Company
SZA6.8A LRC-SZA6.8A Datasheet
185Kb / 10P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com