Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431BILP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431BILP
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV431BILP Datasheet(HTML) 1 Page - Texas Instruments

  TLV431BILP Datasheet HTML 1Page - Texas Instruments TLV431BILP Datasheet HTML 2Page - Texas Instruments TLV431BILP Datasheet HTML 3Page - Texas Instruments TLV431BILP Datasheet HTML 4Page - Texas Instruments TLV431BILP Datasheet HTML 5Page - Texas Instruments TLV431BILP Datasheet HTML 6Page - Texas Instruments TLV431BILP Datasheet HTML 7Page - Texas Instruments TLV431BILP Datasheet HTML 8Page - Texas Instruments TLV431BILP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TLV431, TLV431A, TLV431B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
SLVS139T − JULY 1996 − REVISED JUNE 2007
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low-Voltage Operation ...V
REF = 1.24 V
D Adjustable Output Voltage, V
O = VREF to 6 V
D Reference Voltage Tolerances at 255C
− 0.5% for TLV431B
− 1% for TLV431A
− 1.5% for TLV431
D Typical Temperature Drift
− 4 mV (0
5C to 705C)
− 6 mV (–40
5C to 855C)
− 11 mV (–40
5C to 1255C)
D Low Operational Cathode Current . . .
80
µA Typ
D 0.25-Ω Typical Output Impedance
D Ultra-Small SC-70 Package Offers 40%
Smaller Footprint Than SOT-23-3
D See TLVH431 and TLVH432 for
− Wider VKA (1.24 V to 18 V) and IK (80 mA)
− Additional SOT-89 Package
− Multiple Pinouts for SOT-23-3 and SOT-89
Packages
REF
ANODE
CATHODE
LP (TO-92/TO-226) PACKAGE
(TOP VIEW)
NC − No internal connection
* For TLV431, TLV431A: NC − No internal connection
* For TLV431B: Pin 2 is attached to Substrate and
must be connected to ANODE or
left open.
DBV (SOT-23-5) PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
*
CATHODE
ANODE
REF
DBZ (SOT-23-3) PACKAGE
(TOP VIEW)
1
2
3
REF
CATHODE
ANODE
D (SOIC) PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
REF
ANODE
ANODE
NC
CATHODE
ANODE
ANODE
NC
DCK (SC-70) PACKAGE
(TOP VIEW)
1
2
3
6
5
4
CATHODE
NC
REF
ANODE
NC
NC
NC − No internal connection
PK (SOT-89) PACKAGE
(TOP VIEW)
1
3
2
REF
CATHODE
ANODE
ANODE
description/ordering information
The TLV431 is a low-voltage 3-terminal adjustable voltage reference with specified thermal stability over
applicable industrial and commercial temperature ranges. Output voltage can be set to any value between VREF
(1.24 V) and 6 V with two external resistors (see Figure 2). These devices operate from a lower voltage
(1.24 V) than the widely used TL431 and TL1431 shunt-regulator references.
When used with an optocoupler, the TLV431 is an ideal voltage reference in isolated feedback circuits for 3-V
to 3.3-V switching-mode power supplies. These devices have a typical output impedance of 0.25
Ω. Active
output circuitry provides a very sharp turn-on characteristic, making them excellent replacements for
low-voltage Zener diodes in many applications, including on-board regulation and adjustable power supplies.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2007, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TLV431BILP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431BILP TI-TLV431BILP Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431BILP TI-TLV431BILP Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431BILP TI-TLV431BILP Datasheet
985Kb / 36P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431BILP TI-TLV431BILP Datasheet
1,013Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431BILP TI1-TLV431BILP Datasheet
1Mb / 42P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TLV431BILP

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com