Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34919BQTL Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM34919BQTL
Description  Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34919BQTL Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM34919BQTL Datasheet HTML 1Page - National Semiconductor (TI) LM34919BQTL Datasheet HTML 2Page - National Semiconductor (TI) LM34919BQTL Datasheet HTML 3Page - National Semiconductor (TI) LM34919BQTL Datasheet HTML 4Page - National Semiconductor (TI) LM34919BQTL Datasheet HTML 5Page - National Semiconductor (TI) LM34919BQTL Datasheet HTML 6Page - National Semiconductor (TI) LM34919BQTL Datasheet HTML 7Page - National Semiconductor (TI) LM34919BQTL Datasheet HTML 8Page - National Semiconductor (TI) LM34919BQTL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Threshold hysteresis
Voltage at RON/SD
40
mV
Off Timer
t
OFF
Minimum Off-time
V
IN = 6V, ICC = 3mA
60
88
120
ns
V
IN = 8V, ICC = 3mA
58
82
118
Regulation and Over-Voltage Comparators (FB Pin)
V
REF
FB regulation threshold
SS pin = steady state
2.440
2.5
2.550
V
FB over-voltage threshold
2.9
V
FB bias current
FB = 3V
1
nA
Thermal Shutdown
T
SD
Thermal shutdown temperature
175
°C
Thermal shutdown hysteresis
20
°C
Thermal Resistance
θ
JA
Junction to Ambient
0 LFPM Air Flow
61
°C/W
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the
device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 3: V
CC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading
Note 4: Typical specifications represent the most likely parametric norm at 25°C operation.
5
www.national.com


Similar Part No. - LM34919BQTL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34919BQTL/NOPB TI-LM34919BQTL/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919BQTLX/NOPB TI-LM34919BQTLX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
More results

Similar Description - LM34919BQTL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919B TI-LM34919B_15 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com