Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34919BQTLX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM34919BQTLX
Description  Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34919BQTLX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM34919BQTLX Datasheet HTML 1Page - National Semiconductor (TI) LM34919BQTLX Datasheet HTML 2Page - National Semiconductor (TI) LM34919BQTLX Datasheet HTML 3Page - National Semiconductor (TI) LM34919BQTLX Datasheet HTML 4Page - National Semiconductor (TI) LM34919BQTLX Datasheet HTML 5Page - National Semiconductor (TI) LM34919BQTLX Datasheet HTML 6Page - National Semiconductor (TI) LM34919BQTLX Datasheet HTML 7Page - National Semiconductor (TI) LM34919BQTLX Datasheet HTML 8Page - National Semiconductor (TI) LM34919BQTLX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN to RTN
44V
BST to RTN
52V
SW to RTN (Steady State)
-1.5V to 44V
ESD Rating (Note 2)
Human Body Model
2kV
BST to VCC
44V
BST to SW
14V
VCC to RTN
14V
SGND to RTN
-0.3V to +0.3V
SS, RON/SD to RTN
-0.3V to 4V
FB to RTN
-0.3 to 7V
Storage Temperature Range
-65°C to +150°C
For soldering specs see:
www.national.com/ms/MS/MS-SOLDERING.pdf
JunctionTemperature
150°C
Operating Ratings (Note 1)
VIN
6.0V to 40V
Junction Temperature
−40°C to + 125°C
Electrical Characteristics Specifications with standard type are for T
J = 25°C only; limits in boldface type apply
over the full Operating Junction Temperature (T
J) range. Minimum and Maximum limits are guaranteed through test, design, or
statistical correlation. Typical values represent the most likely parametric norm at T
J = 25°C, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: V
IN = 12V, RON = 20kΩ. See (Note 4).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Start-Up Regulator, V
CC
V
CCReg
V
CC regulated output
V
IN = 12V
6.6
7
7.4
V
V
IN =6V, ICC = 3 mA,
5.3
5.91
V
IN-VCC dropout voltage
I
CC = 0 mA, non-switching
V
CC = UVLOVCC + 250 mV
20
mV
V
CC Output Impedance
0 mA
I
CC 5 mA, VIN = 6V
24
0 mA
I
CC 5 mA, VIN = 8V
12
V
CC current limit (Note 3)
V
CC = 0V
15
mA
UVLO
VCC
V
CC under-voltage lockout threshold
measured at V
CC
V
CC increasing
5.25
V
V
CC decreasing
5.1
5.25
V
UVLO
VCC hysteresis, at VCC
150
mV
V
CC under-voltage lock-out threshold
measured at V
IN
V
IN increasing, ICC = 3 mA
5.25
5.6
V
V
IN decreasing, ICC = 3 mA
5.1
5.4
V
UVLO
VCC filter delay
100 mV overdrive
3
µs
I
Q
I
IN operating current
Non-switching, FB = 3V, SW = Open
0.78
1.0
mA
I
SD
I
IN shutdown current
RON/SD = 0V, SW = Open
215
330
µA
Switch Characteristics
Rds(on)
Buck Switch Rds(on)
I
TEST = 200 mA
0.5
1.0
UVLO
GD
Gate Drive UVLO
V
BST - VSW Increasing
2.65
3.6
4.40
V
V
BST - VSW Decreasing
3.2
UVLO
GD hysteresis
400
mV
Softstart Pin
V
SS
Pull-up voltage
2.5
V
Internal current source
V
SS = 1V
10.5
µA
Current Limit
I
LIM
Threshold
Current out of ISEN
0.52
0.64
0.76
A
Resistance from ISEN to SGND
135
m
Response time
50
ns
On Timer
t
ON - 1
On-time
V
IN = 12V, RON = 20kΩ
127
170
213
ns
t
ON - 2
On-time
V
IN = 24V, RON = 20 kΩ
110
ns
t
ON - 3
On-time
V
IN = 6V, RON = 20 kΩ
335
ns
Shutdown threshold
Voltage at RON/SD rising
0.4
0.74
1.2
V
www.national.com
4


Similar Part No. - LM34919BQTLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34919BQTLX/NOPB TI-LM34919BQTLX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
More results

Similar Description - LM34919BQTLX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919B TI-LM34919B_15 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com