Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34919TLX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM34919TLX
Description  Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34919TLX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM34919TLX Datasheet HTML 7Page - National Semiconductor (TI) LM34919TLX Datasheet HTML 8Page - National Semiconductor (TI) LM34919TLX Datasheet HTML 9Page - National Semiconductor (TI) LM34919TLX Datasheet HTML 10Page - National Semiconductor (TI) LM34919TLX Datasheet HTML 11Page - National Semiconductor (TI) LM34919TLX Datasheet HTML 12Page - National Semiconductor (TI) LM34919TLX Datasheet HTML 13Page - National Semiconductor (TI) LM34919TLX Datasheet HTML 14Page - National Semiconductor (TI) LM34919TLX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
30004414
FIGURE 4. Inductor Current - Current Limit Operation
N - Channel Buck Switch and Driver
The LM34919 integrates an N-Channel buck switch and as-
sociated floating high voltage gate driver. The peak current
allowed through the buck switch is 1.5A, and the maximum
allowed average current is 1A. The gate driver circuit works
in conjunction with an external bootstrap capacitor and an in-
ternal high voltage diode. A 0.022 µF capacitor (C4) connect-
ed between BST and SW provides the voltage to the driver
during the on-time. During each off-time, the SW pin is at ap-
proximately -1V, and C4 charges from V
CC through the inter-
nal diode. The minimum off-time forced by the LM34919
ensures a minimum time each cycle to recharge the bootstrap
capacitor.
Softstart
The softstart feature allows the converter to gradually reach
a steady state operating point, thereby reducing start-up
stresses and current surges. Upon turn-on, after V
CC reaches
the under-voltage threshold, an internal 10.5 µA current
source charges up the external capacitor at the SS pin to
2.5V. The ramping voltage at SS (and the non-inverting input
of the regulation comparator) ramps up the output voltage in
a controlled manner.
An internal switch grounds the SS pin if V
CC is below the un-
der-voltage lockout threshold, or if the RON/SD pin is ground-
ed.
Thermal Shutdown
The LM34919 should be operated so the junction temperature
does not exceed 125°C. If the junction temperature increases,
an internal Thermal Shutdown circuit, which activates (typi-
cally) at 175°C, takes the controller to a low power reset state
by disabling the buck switch. This feature helps prevent catas-
trophic failures from accidental device overheating. When the
junction temperature reduces below 155°C (typical hysteresis
= 20°C) normal operation resumes.
Applications Information
EXTERNAL COMPONENTS
The procedure for calculating the external components is il-
lustrated with the following design example. Referring to the
Block Diagram, the circuit is to be configured for the following
specifications:
- VOUT = 5V
- VIN = 8V to 40V
- Minimum load current = 200 mA
- Maximum load current = 600 mA
- Switching Frequency = 800 kHz
- Soft-start time = 5 ms
R1 and R2: These resistors set the output voltage. The ratio
of the feedback resistors is calculated from:
R1/R2 = (V
OUT/2.5V) - 1
For this example, R1/R2 = 1. R1 and R2 should be chosen
from standard value resistors in the range of 1.0 k
Ω - 10 kΩ
which satisfy the above ratio. For this example, 2.49k
Ω is
chosen for R1 and R2.
R
ON: This resistor sets the on-time, and (by default) the
switching frequency. The switching frequncy must be less
than 1.6 MHz to ensure the minimum forced off-time does not
interfere with the circuit's proper operation. The R
ON resistor
is calculated from the following equation, using the minimum
input voltage.
Check that this value resistor does not set an on-time less
than 120 ns at maximum V
IN.
A standard value 43.2 k
Ω resistor is used, resulting in a nom-
inal frequency of 806 kHz. The minimum on-time is
231 ns
at Vin = 40V, and the maximum on-time is
875 ns at Vin =
8V. Alternately, R
ON can be determined using Equation 4 if a
specific on-time is required.
11
www.national.com


Similar Part No. - LM34919TLX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34919TLX NSC-LM34919TLX Datasheet
369Kb / 18P
   40V, 600 mA Step Down COT Switching Regulator
logo
Texas Instruments
LM34919TLX/NOPB TI1-LM34919TLX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
More results

Similar Description - LM34919TLX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919B TI-LM34919B_15 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com