Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F931E155MAA Datasheet(PDF) 2 Page - Nichicon corporation

Part # F931E155MAA
Description  SOLID TANTALUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

F931E155MAA Datasheet(HTML) 2 Page - Nichicon corporation

  F931E155MAA Datasheet HTML 1Page - Nichicon corporation F931E155MAA Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F93
Standard Ratings
In case of capacitance tolerance ±10% type, K will be put at 9th digit of type
numbering system.
*1 :
∆C/C
I t e m
A B C N Case (%)
Damp Heat
±10
Tempereature cycles
± 5
Resistance soldering heat
±5
Surge
± 5
Endurance
±10
4.7
A(*2) F931A475MAA
0.5
6
4.0
*
6.8
A
F931A685MAA
0.7
6
3.5
*
10
A
F931A106MAA
1.0
6
3.0
*
15
A
F931A156MAA
1.5
8
2.9
*
15
B(*2) F931A156MBA
1.5
6
2.0
*
22
A
F931A226MAA
2.2
12
2.5
*
22
B(*2) F931A226MBA
2.2
6
1.9
*
33
A
F931A336MAA
3.3
18
2.5
*
33
B
F931A336MBA
3.3
8
1.4
*
47
A
F931A476MAA
4.7
40
2.0
±15
47
B
F931A476MBA
4.7
8
1.0
*
47
C
F931A476MCC
4.7
6
0.9
*
68
B
F931A686MBA
6.8
12
0.9
±15
68
C
F931A686MCC
6.8
8
0.8
*
100
B
F931A107MBA
10.0
18
1.2
±15
100
C
F931A107MCC
10.0
10
0.7
*
100
N
F931A107MNC
10.0
8
0.6
*
150
C
F931A157MCC
15.0
14
0.7
*
150
N
F931A157MNC
15.0
10
0.6
*
220
N
F931A227MNC
22.0
12
0.5
*
330
N
F931A337MNC
33.0
18
0.5
*
4.7
A(*2)
F930J475MAA
0.5
6
4.0
*
6.8
A(*2)
F930J685MAA
0.5
6
3.5
*
10
A
F930J106MAA
0.6
6
3.0
*
15
A
F930J156MAA
0.9
6
2.9
*
22
A
F930J226MAA
1.4
8
2.5
*
33
A
F930J336MAA
2.1
8
2.5
*
47
A
F930J476MAA
3.0
18
2.5
*
47
B
F930J476MBA
3.0
6
1.0
*
68
A
F930J686MAA
4.3
20
2.0
*
68
B
F930J686MBA
4.3
8
1.0
*
100
A
F930J107MAA
6.3
35
2.0
±15
100
B
F930J107MBA
6.3
14
0.9
*
100
C
F930J107MCC
6.3
8
0.7
*
150
B
F930J157MBA
9.5
18
0.9
*
150
C
F930J157MCC
9.5
12
0.7
*
220
B
F930J227MBA
13.9
30
1.2
±15
220
C
F930J227MCC
13.9
14
0.7
*
220
N
F930J227MNC
13.9
10
0.5
*
330
N
F930J337MNC
20.8
14
0.5
*
470
N
F930J477MNC
29.6
16
0.3
*
22
A
F930G226MAA
0.9
6
2.5
*
33
A
F930G336MAA
1.3
8
2.5
*
47
A
F930G476MAA
1.9
18
2.5
*
68
A
F930G686MAA
2.7
24
2.5
*
100
A
F930G107MAA
4.0
30
2.0
*
100
B
F930G107MBA
4.0
14
0.9
*
150
B
F930G157MBA
6.0
16
0.7
*
220
B
F930G227MBA
8.8
18
0.7
*
220
C
F930G227MCC
8.8
12
0.7
*
330
C
F930G337MCC
13.2
14
0.7
*
470
N
F930G477MNC
18.8
16
0.3
*
680
N
F930G687MNC
27.2
18
0.3
*
4V
6.3
V
*1
∆C/C
(%)
Part Number
Leakage
Current
(µA)
Disspation
Factor
(%@120Hz)
Case
code
ESR
(
@100kHz)
Rated Volt
Rated
Capacitance
(µF)
33
B
F931C336MBA
5.3
8
1.9
*
33
C
F931C336MCC
5.3
6
1.1
*
47
C
F931C476MCC
7.5
8
0.9
*
47
N
F931C476MNC
7.5
6
0.7
*
68
N
F931C686MNC
10.9
6
0.6
*
100
C
F931C107MCC
16.0
15
0.7
±10
100
N
F931C107MNC
16.0
10
0.6
*
150
N
F931C157MNC
24.0
15
0.6
*
220
N
F931C220MNC
35.2
25
0.7
±10
0.47
A(*2) F931V474MAA
0.5
4
10.0
*
0.68
A
F931V684MAA
0.5
4
7.6
*
1
A
F931V105MAA
0.5
4
7.5
*
1.5
A
F931V155MAA
0.5
6
7.5
*
2.2
A
F931V225MAA
0.8
6
7.0
*
2.2
B
F931V225MBA
0.8
4
3.8
*
3.3
B
F931V335MBA
1.2
4
3.5
*
4.7
B
F931V475MBA
1.6
8
3.1
*
4.7
C
F931V475MCC
1.6
6
1.8
*
6.8
C
F931V685MCC
2.4
6
1.8
*
10
C
F931V106MCC
3.5
6
1.6
*
15
N
F931V156MNC
5.3
6
0.7
*
22
N
F931V226MNC
7.7
8
0.7
*
0.68
A(*2)
F931E684MAA
0.5
4
7.6
*
1
A
F931E105MAA
0.5
4
7.5
*
1.5
A
F931E155MAA
0.5
4
6.7
*
2.2
A
F931E225MAA
0.6
6
6.3
*
3.3
A
F931E335MAA
0.8
6
6.0
*
4.7
A
F931E475MAA
1.2
8
4.0
*
4.7
B
F931E475MBA
1.2
6
2.8
*
10
B
F931E106MBA
2.5
12
1.9
*
10
C
F931E106MCC
2.5
6
1.5
*
15
C
F931E156MCC
3.8
8
1.2
*
22
C
F931E226MCC
5.5
8
1.1
*
22
N
F931E226MNC
5.5
6
0.7
*
33
N
F931E336MNC
8.3
8
0.7
*
47
N
F931E476MNC
11.8
8
0.7
*
2.2
A
F931D225MAA
0.5
4
5.0
*
3.3
A
F931D335MAA
0.7
4
4.5
*
4.7
A
F931D475MAA
0.9
6
3.0
*
4.7
B
F931D475MBA
0.9
6
2.8
*
6.8
A
F931D685MAA
1.4
6
3.5
*
6.8
B
F931D685MBA
1.4
6
2.5
*
10
A
F931D106MAA
2.0
8
3.5
*
10
B
F931D106MBA
2.0
6
2.1
*
15
C
F931D156MCC
3.0
6
1.2
*
22
B
F931D226MBA
4.4
8
1.9
*
22
C
F931D226MCC
4.4
8
1.1
*
33
C
F931D336MCC
6.6
8
1.1
*
33
N
F931D336MNC
6.6
6
0.7
*
47
C
F931D476MCC
9.4
10
1.1
*
47
N
F931D476MNC
9.4
8
0.7
*
20V
25V
35
V
*1
∆C/C
(%)
Part Number
Leakage
Current
(µA)
Disspation
Factor
(%@120Hz)
Case
code
ESR
(
@100kHz)
Rated Volt
Rated
Capacitance
(µF)
10
V
16
V
1.5
A(*2) F931C155MAA
0.5
4
6.0
*
2.2
A
F931C225MAA
0.5
4
5.0
*
3.3
A
F931C335MAA
0.5
4
4.5
*
4.7
A
F931C475MAA
0.8
6
4.0
*
6.8
A
F931C685MAA
1.1
6
3.5
*
10
A
F931C106MAA
1.6
6
3.0
*
10
B
F931C106MBA
1.6
6
2.0
*
15
A
F931C156MAA
2.4
10
3.0
*
15
B
F931C156MBA
2.4
6
2.0
*
22
A
F931C226MAA
3.5
15
3.0
±15
22
B
F931C226MBA
3.5
8
1.9
*
22
C
F931C226MCC
3.5
6
1.1
*
16
V
CAT.8100Y-2
*2 : Products which are scheduled to be discontinued.
Not recommended for new designs.


Similar Part No. - F931E155MAA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931E155MAA NICHICON-F931E155MAA Datasheet
136Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
AVX Corporation
F931E155MAA AVX-F931E155MAA Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Nichicon corporation
F931E155MAA NICHICON-F931E155MAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931E155MAA NICHICON-F931E155MAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931E155MAA NICHICON-F931E155MAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F931E155MAA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2 Datasheet
90Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J335MAA NICHICON-F970J335MAA_09 Datasheet
73Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F981A476MSA NICHICON-F981A476MSA Datasheet
67Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com