Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7242RSJT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7242RSJT
Description  Digital Dual Synchronous-Buck Power Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7242RSJT Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD7242RSJT Datasheet HTML 3Page - Texas Instruments UCD7242RSJT Datasheet HTML 4Page - Texas Instruments UCD7242RSJT Datasheet HTML 5Page - Texas Instruments UCD7242RSJT Datasheet HTML 6Page - Texas Instruments UCD7242RSJT Datasheet HTML 7Page - Texas Instruments UCD7242RSJT Datasheet HTML 8Page - Texas Instruments UCD7242RSJT Datasheet HTML 9Page - Texas Instruments UCD7242RSJT Datasheet HTML 10Page - Texas Instruments UCD7242RSJT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
UCD7242
www.ti.com
SLUS962 – JANUARY 2010
PIN FUNCTIONS (continued)
UCD7242 –BUCK POWER STAGE
QFN
PIN NAME
I/O
FUNCTION
25
SRE-A
I
Synchronous Rectifier Enable input for the A-channel. High impedance digital input capable of
accepting 3.3V or 5V logic level signals used to control the synchronous rectifier switch. An appropriate
anti-cross-conduction delay is used during synchronous mode.
26
PWM -A
I
High impedance digital input capable of accepting 3.3V or 5 V logic level signals up to 2 MHz. A
Schmitt trigger input comparator desensitizes this pin from external noise. This pin controls the state of
the high side MOSFET and the low side MOSFET when SRE-A is high.
PWM = high
PWM = low
PWM = 1.65 V
SRE = high
HS = on, LS = off
HS = off, LS = on
HS = off, LS = off
SRE = low
HS = on, LS = off
HS = off, LS = off
HS = off, LS = off
27, 29, 30, 32
VIN
Input Voltage to the buck power stage and driver circuit
28, 31
NC
No internal connection. It is recommended that these pins be tied to VIN.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): UCD7242


Similar Part No. - UCD7242RSJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7242RSJT TI-UCD7242RSJT Datasheet
1Mb / 32P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242RSJT TI-UCD7242RSJT Datasheet
1Mb / 33P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242RSJT TI1-UCD7242RSJT Datasheet
2Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
More results

Similar Description - UCD7242RSJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7242-EP TI1-UCD7242-EP_16 Datasheet
1Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242 TI1-UCD7242_17 Datasheet
2Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242 TI-UCD7242 Datasheet
1Mb / 32P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242 TI-UCD7242_10 Datasheet
1Mb / 33P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242-EP TI1-UCD7242-EP Datasheet
2Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
logo
ON Semiconductor
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
   Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
logo
Texas Instruments
UCD9112 TI-UCD9112 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL DUAL PHASE SYNCHRONOUS BUCK CONTROLLER
UCD9112 TI1-UCD9112_16 Datasheet
886Kb / 27P
[Old version datasheet]   Digital Dual-Phase Synchronous Buck Controller
logo
Renesas Technology Corp
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
   Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com