Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1823AJQMLV Datasheet(PDF) 8 Page - Texas Instruments

Part # UC1823AJQMLV
Description  HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1823AJQMLV Datasheet(HTML) 8 Page - Texas Instruments

Back Button UC1823AJQMLV Datasheet HTML 4Page - Texas Instruments UC1823AJQMLV Datasheet HTML 5Page - Texas Instruments UC1823AJQMLV Datasheet HTML 6Page - Texas Instruments UC1823AJQMLV Datasheet HTML 7Page - Texas Instruments UC1823AJQMLV Datasheet HTML 8Page - Texas Instruments UC1823AJQMLV Datasheet HTML 9Page - Texas Instruments UC1823AJQMLV Datasheet HTML 10Page - Texas Instruments UC1823AJQMLV Datasheet HTML 11Page - Texas Instruments UC1823AJQMLV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
UC1823A,UC2823A, UC2823B,
UC3823A,UC3823B,UC1825A,
UC2825A,UC2825B,UC3825A,UC3825B
SLUS334D − AUGUST 1995 − REVISED NOVEMBER 2008
www.ti.com
8
UVLO, SOFT-START AND FAULT MANAGEMENT
Soft-start is programmed by a capacitor on the SS pin. At power up, SS is discharged. When SS is low, the error amplifier
output is also forced low. While the internal 9-
µA source charges the SS pin, the error amplifier output follows until closed
loop regulation takes over.
Anytime ILIM exceeds 1.2 V, the fault latch is set and the output pins are driven low. The soft-start cap is then discharged
by a 250-
µA current sink. No more output pulses are allowed until soft-start is fully discharged and ILIM is below 1.2 V. At
this point the fault latch resets and the chip executes a soft-start.
Should the fault latch get set during soft-start, the outputs are immediately terminated, but the soft-start capacitor does not
discharge until it has been fully charged first. This results in a controlled hiccup interval for continuous fault conditions.
UDG−95106
Figure 5. Soft-Start and Fault Waveforms
ACTIVE LOW OUTPUTS DURING UVLO
The UVLO function forces the outputs to be low and considers both VCC and VREF before allowing the chip to operate.
Figure 6. Output Voltage vs Output Current
UDG−95108
UDG−95106
Figure 7. Output V and I During UVLO


Similar Part No. - UC1823AJQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJQMLV TI-UC1823AJQMLV Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
More results

Similar Description - UC1823AJQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com