Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5130.0101 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 5130.0101
Description  IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5130.0101 Datasheet(HTML) 1 Page - Schurter Inc.

  5130.0101 Datasheet HTML 1Page - Schurter Inc. 5130.0101 Datasheet HTML 2Page - Schurter Inc. 5130.0101 Datasheet HTML 3Page - Schurter Inc. 5130.0101 Datasheet HTML 4Page - Schurter Inc. 5130.0101 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Power Entry Modules with Line Filter
530
www.schurter.com/pg06
EMC Products
IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
Screw-on or rivet mounting from front or rear side
Screw-On Version
Screw-on mounting from rear side, integrated
thread
Screw-On Version
Snap-in mounting from front side
Standard- or Medical-Filter
C20
70° C
Description
-PanelMount:
Screw-onversionfromfrontorrearside,snap-inversionfromfront
side
-2Functions:
ApplianceInletProtectionclassI,Linefilterinstandardandmedical
version
-Quickconnectterminals
-Fitstotype:Kabelverbindung/16A;4790;4795Kabelverbindung/1
6A;0104;1651;1652;1654;4790;4795
Approvals
-VDELicenseNumber:104884
-ULLicenseNumber:E72928
Characteristics
-Optimalshieldingduetocompletelyclosedfiltercase,unpotted
Suitableforassemblyinmetalplatedplastichousings
-VersionwithclassX1andX2(standardversion)capacitors
-Universallinefilterforstandardapplications
Designedforstandardandmedicalapplications
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Solderterminals
-MedicalversionM80
-CapacityCX330nF
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
16A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
20A@Ta40°C/250VAC;60Hz
LeakageCurrent
standard<0.5mA(250V/60Hz)
medical<5µA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
ImpulseWithstandVoltage
>2.5kVbetweenL-N(CX2)
>4kVbetweenL-N(CX1)
>5kVbetweenL/N-PE(Cy2)
voltage(1.2/50
μs)
AllowableOperationTemp.
-25°Cto85°C
ClimaticCategory
25/085/21acc.toIEC60068-1
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminal6.3x0.8mm
PanelThicknesss
Screw:max8mm
Mountingscrewtorquemax0.5Nm
Snap-in:0.8mmto3mm
(allstepswithonevariant)
Material:Housing
Themoplast/steeltin-plated,black/
metallic,UL94V-0
Appliance-Inlet/-Outlet
C20acc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,16A,
ProtectionClass1
LineFilter
StandardandMedicalVersion,IEC
60939,IEC60601-1,UL1283,UL544,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>3'000'000hacc.toMIL-HB-217F


Similar Part No. - 5130.0101

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5130.0000 SCHURTER-5130.0000 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
04.01.2022
More results

Similar Description - 5130.0101

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5130 SCHURTER-5130_17 Datasheet
618Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130_V01 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130_V02 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
04.01.2022
C20F SCHURTER-C20F_V01 Datasheet
769Kb / 8P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
04.01.2022
C20F SCHURTER-C20F Datasheet
630Kb / 5P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
C20F SCHURTER-C20F_18 Datasheet
623Kb / 7P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
5120 SCHURTER-5120_V02 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
04.01.2022
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120 Datasheet
881Kb / 6P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_18 Datasheet
1,009Kb / 11P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com