Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10700479 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 10700479
Description  TOUCHSCREEN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

10700479 Datasheet(HTML) 2 Page - Schurter Inc.

  10700479 Datasheet HTML 1Page - Schurter Inc. 10700479 Datasheet HTML 2Page - Schurter Inc. 10700479 Datasheet HTML 3Page - Schurter Inc. 10700479 Datasheet HTML 4Page - Schurter Inc. 10700479 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Changes that contribute to technical improvement are subject to alternations
2007
Datum
Name
Bearb.
28.03.
Maurer
TOUCHSCREEN
Gepr.
28.03.
Maurer
15,0“, 8-Wire
Vert.
AMT-09546-01
EDV-Datasheet
SPECIFICATIONS OF ANALOG RESISTIVE
PET-ON-GLASS TOUCH SCREEN
don’t change manually
Manufactured by Apex Material Technology Corp.
H
1070.0479
Zu Änd.
Datum
Name
D 79346 Endingen
page 2 of 5
Index: -
1.3 Input Method and Activation Force
Input Method
Average Activation Force
1.6mm Ø Delrin stylus
0,1 ~ 0,7N
16mm Ø Silicon "finger"
0,1 ~ 0,8 N
2. Typical Optical Characteristics
2.1 Visible Light Transmission:
> 80%
2.2 Haze:
< 13%
3. Electrical Specifications
3.1
Operating Voltage:
5.5V or less
3.2
Contact current:
20mA (maximum)
3.3
Circuit close resistance:
X : 300 -900Ω; Y : 200 -700Ω
3.4
Circuit open resistance:
> 10MΩ at 25VDC
3.5
Contact bounce:
< 10ms
3.6
Linear Test :
< 1.5 %
3.7
Capacitance:
100nF(maximum)
4. Linearity
4.1
Linear Test Specification
Direction X: < 1,5 %
Direction Y: < 1,5 %
4.2
Line Test Circuit for Y Coordinate
Add 5V between Y1 and Y2 touch the point C0R0 to C9R9 separately, and measure the voltage
from X1 as the following drawing.


Similar Part No. - 10700479

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
10700470 SCHURTER-10700470 Datasheet
222Kb / 5P
   TOUCHSCREEN
10700471 SCHURTER-10700471 Datasheet
222Kb / 5P
   TOUCHSCREEN
10700472 SCHURTER-10700472 Datasheet
222Kb / 5P
   TOUCHSCREEN
10700474 SCHURTER-10700474 Datasheet
188Kb / 4P
   TOUCH SCREEN
10700475 SCHURTER-10700475 Datasheet
188Kb / 4P
   TOUCH SCREEN
More results

Similar Description - 10700479

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
10700435 SCHURTER-10700435 Datasheet
388Kb / 5P
   TOUCHSCREEN
10700426 SCHURTER-10700426 Datasheet
198Kb / 5P
   TOUCHSCREEN
10700430 SCHURTER-10700430 Datasheet
197Kb / 5P
   TOUCHSCREEN
10700445 SCHURTER-10700445 Datasheet
560Kb / 5P
   TOUCHSCREEN
10700450 SCHURTER-10700450 Datasheet
199Kb / 5P
   TOUCHSCREEN
10700482 SCHURTER-10700482 Datasheet
188Kb / 4P
   TOUCHSCREEN
10700416 SCHURTER-10700416 Datasheet
402Kb / 5P
   TOUCHSCREEN
10700419 SCHURTER-10700419 Datasheet
377Kb / 5P
   TOUCHSCREEN
10700465 SCHURTER-10700465 Datasheet
222Kb / 5P
   TOUCHSCREEN
10700459 SCHURTER-10700459 Datasheet
236Kb / 4P
   TOUCHSCREEN
10700472 SCHURTER-10700472 Datasheet
222Kb / 5P
   TOUCHSCREEN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com