Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS02.0221.150 Datasheet(PDF) 1 Page - Schurter Inc.

Part # CS02.0221.150
Description  APPLIANCE COUPLERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CS02.0221.150 Datasheet(HTML) 1 Page - Schurter Inc.

  CS02.0221.150 Datasheet HTML 1Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Approvals / Cordsets supplied by SCHURTER carry the country specific approvals
www.schurterinc.com
185
APPLIANCE COUPLERS
Cordsets
4300
6016
CS
North America
Standard
NEMA 5-15
Cord Type
SJT
Conductor
3 x 14 AWG
Rated
16 A / 250 V
Color
black
Length
2,5 meters
6009.5195
Medical Grade
Standard
NEMA 5-15P
Cord Type
SJT
Conductor
3 x 18 AWG
Rated
10 A / 125, 250 V
15 A / 125 V
Color
clear
Length
10 feet
4300.0920
CS01.0221.150
C7 Non-Polarized
standard
2.5 A / 250 V
Nema 1-15P
SPT2
CS02.0221.150
C7 Polarized
standard
7 A / 250 V
Nema 1-15P
AWG18
CS01.0121.150
C7 Non-Polarized
H03VVH2-F
2.5 A / 250 V
Europlug CEE 7/16
CS01.0421.150
C7 Non-Polarized
H03VVH2-F
2.5 A / 250 V
UK BS 1363
CS03.0421.150
C5 Polarized
H03VV-F
2.5 A / 250 V
UK BS 1363
CS03.0521.150
C5 Polarized
H03VV-F
2.5 A / 250 V
Schuko Plug
CS03.0621.150
C5 Polarized
standard
2.5 A / 250 V
North America
SPT2
Nema 5-15P
IEC/EN 60320-1/C19
c
c
IEC / EN 60320-1 / C13,
protection class I, pin
temperature 70 ºC (cold
condition)
c
Color black, Length 1500 mm
North America, Europlug, United Kingdom, Schuko
Standards
NEMA 1-15P, 5-15P, CEE 7/7, 7/16, BS 1363
CS01.0121.150 - CS03.0621.150
C7 Non-Polarized
C7 Polarized
C5 Polarized


Similar Part No. - CS02.0221.150

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CS02 ICE-CS02 Datasheet
330Kb / 2P
   Common Mode Choke
logo
Token Electronics Indus...
CS02 TOKEN-CS02 Datasheet
427Kb / 8P
   CS Current Detecting Chip Resistors
logo
List of Unclassifed Man...
CS02 ETC-CS02 Datasheet
1Mb / 3P
   CURRENT SENSING CHIP RESISTROS
logo
ice Components, Ins.
CS02-131-2R ICE-CS02-131-2R Datasheet
330Kb / 2P
   Common Mode Choke
CS02-131-2R ICE-CS02-131-2R Datasheet
307Kb / 2P
   Common Mode Choke
More results

Similar Description - CS02.0221.150

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
60000214 SCHURTER-60000214 Datasheet
82Kb / 1P
   APPLIANCE COUPLERS
60040215 SCHURTER-60040215 Datasheet
70Kb / 1P
   APPLIANCE COUPLERS
43000920 SCHURTER-43000920 Datasheet
73Kb / 1P
   APPLIANCE COUPLERS
logo
Communications & Power ...
VWP1137 CPI-VWP1137 Datasheet
90Kb / 1P
   Power Couplers
VWP3032 CPI-VWP3032 Datasheet
84Kb / 1P
   Power Couplers
logo
American Accurate Compo...
QPH9232 AAC-QPH9232 Datasheet
265Kb / 2P
   RF Couplers
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com