Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS168X-CB3F005N Datasheet(PDF) 2 Page - Schurter Inc.

Part # AS168X-CB3F005N
Description  MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AS168X-CB3F005N Datasheet(HTML) 2 Page - Schurter Inc.

  AS168X-CB3F005N Datasheet HTML 1Page - Schurter Inc. AS168X-CB3F005N Datasheet HTML 2Page - Schurter Inc. AS168X-CB3F005N Datasheet HTML 3Page - Schurter Inc. AS168X-CB3F005N Datasheet HTML 4Page - Schurter Inc. AS168X-CB3F005N Datasheet HTML 5Page - Schurter Inc. AS168X-CB3F005N Datasheet HTML 6Page - Schurter Inc. AS168X-CB3F005N Datasheet HTML 7Page - Schurter Inc. AS168X-CB3F005N Datasheet HTML 8Page - Schurter Inc. AS168X-CB3F005N Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.schurter.com
124
Beispiel DC-Version:
Nennstrom bei +23°C
10 A
Umgebungstemperatur
+50°C
Korrekturfaktor
1,2
Gewählter Nennstrom bei
+50°C Umgebungstemperatur
10 A x 1,2 = 12 A
Umgebungs-
Korrekturfaktor
temperatur [°C]
AC-Version
DC-Version
–20
0,78
0,80
–5
0,82
0,87
0
0,83
0,90
+10
0,87
0,95
+23
0,91
1,00
+30
0,95
1,05
+40
1,00
1,10
+50
1,05
1,20
+60
1,11
1,30
Einfluss der
Umgebungstemperatur
AC-Schalter sind für eine Umgebungs-
temperatur von +40°C geeicht, DC-Schalter
für +23°C. Zur Bestimmung des Nennstromes
für eine tiefere oder höhere Umgebungs-
temperatur ist ein Korrekturfaktor gemäss
untenstehender Tabelle zu verwenden:
Example DC version:
Rated current at +23°C
10 A
Ambient temperature
+50°C
Correction factor
1,2
Chosen rated current at
+50°C ambient temperature
10 A x 1,2 = 12 A
Tripping characteristic F
Auslösekennlinie F
Tripping characteristic G
Auslösekennlinie G
Tripping characteristic H
Auslösekennlinie H
Ambient
Correction factor
temperature [°C]
AC version
DC version
–20
0,78
0,80
–5
0,82
0,87
0
0,83
0,90
+10
0,87
0,95
+23
0,91
1,00
+30
0,95
1,05
+40
1,00
1,10
+50
1,05
1,20
+60
1,11
1,30
Effect of ambient
temperature
AC-breakers are calibrated for an ambient
temperature of +40°C, DC-breakers for
+23°C. To determine the rated current for
a lower or higher ambient temperature, use
a correction factor from the table below:
Multiple of rated current (x In)
Nennstrom-Vielfaches (x In)
1
10
100
1000 x In
0,1ms
1ms
10ms
0,1s
1s
10s
100s
1000s
1hr
Multiple of rated current (x In)
Nennstrom-Vielfaches (x In)
1
10
100
1000 x In
0,1ms
1ms
10ms
0,1s
1s
10s
100s
1000s
1hr
Multiple of rated current (x In)
Nennstrom-Vielfaches (x In)
1
10
100
1000 x In
0,1ms
1ms
10ms
0,1s
1s
10s
100s
1000s
1hr
MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
MOTOR- UND GERÄTESCHUTZSCHALTER
AS168X


Similar Part No. - AS168X-CB3F005N

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AS168XAC1 SCHURTER-AS168XAC1 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC2 SCHURTER-AS168XAC2_V01 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC3 SCHURTER-AS168XAC3 Datasheet
528Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 3 poles
More results

Similar Description - AS168X-CB3F005N

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2BU05R ALTECH-2BU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
2CU05R ALTECH-2CU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
3DU05R ALTECH-3DU05R Datasheet
143Kb / 2P
   R-Series - UL1077 Supplementary Protector
1CU05R ALTECH-1CU05R Datasheet
128Kb / 2P
   R-Series - UL1077 Supplementary Protector
2DU05R ALTECH-2DU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3BU05R ALTECH-3BU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3CU05R ALTECH-3CU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
logo
Schneider Electric
MG27338 SCHNEIDER-MG27338 Datasheet
52Kb / 1P
   SUPPLEMENTARY PROTECTOR 277V 40A 1P
logo
Altech corporation
TR-11CX630.5A ALTECH-TR-11CX630.5A Datasheet
483Kb / 3P
   UL1077 Recognized Supplementary Protector/ Circuit Breaker for Equipment
logo
List of Unclassifed Man...
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com