Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3PS550AH Datasheet(PDF) 4 Page - ON Semiconductor

Part # P3PS550AH
Description  High Drive General Purpose Peak EMI Reduction IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P3PS550AH Datasheet(HTML) 4 Page - ON Semiconductor

  P3PS550AH Datasheet HTML 1Page - ON Semiconductor P3PS550AH Datasheet HTML 2Page - ON Semiconductor P3PS550AH Datasheet HTML 3Page - ON Semiconductor P3PS550AH Datasheet HTML 4Page - ON Semiconductor P3PS550AH Datasheet HTML 5Page - ON Semiconductor P3PS550AH Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P3PS550AH
http://onsemi.com
4
Table 6. AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input Clock frequency
18
24
36
MHz
ModOUT
Output Clock frequency
18
24
36
MHz
tLH (Note 1)
Output rise time
(Measured between 20% to 80%)
Unloaded Output
0.4
0.8
ns
CL = 15 pF
1.4
2.2
tHL (Note 1)
Output fall time
(Measured between 80% to 20%)
Unloaded Output
0.3
0.6
ns
CL = 15 pF
1.1
1.9
tJC (Note 1)
Jitter (cycle to cycle) Unloaded Output
$175
$250
ps
tD (Note 1)
Output duty cycle
45
50
55
%
tON (Note 1)
PLL lock Time
(Stable power supply, valid clock presented on CLKIN pin,
PD# toggled from Low to High)
3
ms
fdvar
Frequency Deviation Variation across PVT
$2.5
$5
%
1. Parameter is guaranteed by design and characterization. Not 100% tested in production
Figure 2. Typical Application Schematic
NOTE: Refer Pin Description table for Functionality details.
CLKIN
VSS
VDD
2.2mF
C2
ModOUT
ModOUT Clock
P3PS550AH
SR2, SR1, SR0
Frequency Deviation
Selection Control
VDD
0 W
0 W
0.1mF
M Clock
R
Rs
0 W
0 W
VDD
PD#
C1
SR2/SR1/SR0
Power Down
Control
VDDIN
1
2,6,7
5
3
8
4
PCB Layout Recommendation
For optimum device performance, following guidelines are recommended.
Dedicated VDD and GND planes.
The device must be isolated from system power supply noise. A 0.1mF and a 2.2 mF decoupling capacitor should be
mounted on the component side of the board as close to the VDD pin as possible. No vias should be used between the
decoupling capacitor and VDD pin. The PCB trace to VDD pin and the ground via should be kept as short as possible.
All the VDD pins should have decoupling capacitors.
In an optimum layout all components are on the same side of the board, minimizing vias through other signal layers.
A typical layout is shown in the figure


Similar Part No. - P3PS550AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS850BH ONSEMI-P3PS850BH Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
P3PS850BH ONSEMI-P3PS850BH Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
P3PSL450A ONSEMI-P3PSL450A Datasheet
159Kb / 9P
   Peak EMI Reduction IC
July, 2010 ??Rev. 1
More results

Similar Description - P3PS550AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
PCS3PS550A ONSEMI-PCS3PS550A Datasheet
126Kb / 7P
   General Purpose Peak EMI Reduction IC
July, 2010 ??Rev. 1
PCS3P8504A ONSEMI-PCS3P8504A_17 Datasheet
77Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2017 ??Rev. 4
PCS3P2005A ONSEMI-PCS3P2005A Datasheet
124Kb / 7P
   General Purpose Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P7303A ONSEMI-PCS3P7303A Datasheet
188Kb / 10P
   General Purpose Peak EMI Reduction IC
JANUARY 2010 ??Rev. 2
PCS3P8504A ONSEMI-PCS3P8504A Datasheet
159Kb / 6P
   General Purpose Peak EMI Reduction IC
July, 2010 -- Rev. 1
PCS3P7303 ONSEMI-PCS3P7303 Datasheet
188Kb / 10P
   General Purpose Peak EMI Reduction IC
November 2010 ??Rev. 3
PCS3P7303A ONSEMI-PCS3P7303A_14 Datasheet
162Kb / 9P
   General Purpose Peak EMI Reduction IC
October, 2014 ??Rev. 0
PCS3PS550A ONSEMI-PCS3PS550A_15 Datasheet
76Kb / 7P
   General Purpose Peak EMI Reduction IC
September, 2015 ??Rev. 2
P3P8203A ONSEMI-P3P8203A Datasheet
116Kb / 6P
   General Purpose Peak EMI Reduction IC
August, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com